Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6432AST Datasheet(PDF) 10 Page - Analog Devices

Part # AD6432AST
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432AST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6432AST Datasheet HTML 6Page - Analog Devices AD6432AST Datasheet HTML 7Page - Analog Devices AD6432AST Datasheet HTML 8Page - Analog Devices AD6432AST Datasheet HTML 9Page - Analog Devices AD6432AST Datasheet HTML 10Page - Analog Devices AD6432AST Datasheet HTML 11Page - Analog Devices AD6432AST Datasheet HTML 12Page - Analog Devices AD6432AST Datasheet HTML 13Page - Analog Devices AD6432AST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD6432
–10–
REV. 0
TEMPERATURE – C
–40
–18.0
–17.5
–16.5
–17.0
–20
0
20
40
60
–18.5
–19.0
–19.5
–20.0
–16.0
80
100
Figure 21. Tx Desired Sideband Gain vs. Temperature,
TA = +25°C, VPOS = 3 V, FCARRIER = 280 MHz, I and Q Inputs
Driven in Quadrature
CARRIER FREQUENCY – MHz
100
–15.5
–15.0
–14.0
–14.5
120
140
160
180
200
–16.0
–16.5
–17.0
–17.5
–13.5
220
240
–18.0
–18.5
–19.0
260
280
300
Figure 22. Tx Desired Sideband Gain vs. FCARRIER,
TA = +25°C, VPOS = 3 V
TEMPERATURE – C
–40
–37.0
–36.5
–35.5
–36.0
–20
0
20
40
60
–37.5
–38.0
–38.5
–39.0
–35.0
80
100
–39.5
–40.0
Figure 23. Tx Typical Undesired Sideband Suppression
vs. Temperature, TA = +25°C, VPOS = 3 V
CARRIER FREQUENCY – MHz
100
–37.0
–36.5
–35.5
–36.0
120
140
160
180
200
–37.5
–38.0
–38.5
–39.0
–35.0
240
260
–39.5
–40.0
280
300
220
Figure 24. Tx Typical Undesired Sideband Suppression
vs. FCARRIER, TA = +25°C, VPOS = 3 V
GAIN VOLTAGE – Volts
0
10
12
14
16
18
20
22
0.5
1.0
1.5
2.0
2.5
VPOS = 3.6V, TA = +85 C
VPOS = 2.7V, TA = +85 C
VPOS = 3.6V, TA = +25 C
VPOS = 3V, TA = +25 C
VPOS = 2.7V, TA = +25 C
VPOS = 3.6V
TA = –40 C
VPOS = 2.7V
TA = –40 C
Figure 25. Rx Mode Supply Current vs. VGAIN, VGREF = 1.2 V
TEMPERATURE – C
–40
10.5
11.0
11.5
12.0
12.5
13.0
13.5
–20
0
20
40
60
VPOS = 3.6V
VPOS = 3V
VPOS = 2.7V
80
100
14.0
14.5
15.0
Figure 26. Tx Mode Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com