Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6432AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD6432AST
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6432AST Datasheet HTML 11Page - Analog Devices AD6432AST Datasheet HTML 12Page - Analog Devices AD6432AST Datasheet HTML 13Page - Analog Devices AD6432AST Datasheet HTML 14Page - Analog Devices AD6432AST Datasheet HTML 15Page - Analog Devices AD6432AST Datasheet HTML 16Page - Analog Devices AD6432AST Datasheet HTML 17Page - Analog Devices AD6432AST Datasheet HTML 18Page - Analog Devices AD6432AST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD6432
–15–
REV. 0
Gain Control
The AD6432 contains a Gain TC Compensation circuit that
provides a nominal 80 dB dynamic range of automatic gain
control. The GAIN input pin of the gain circuit is driven by
the AD6421 Automatic Gain Control DAC (AGCDAC), an
integrated auxiliary DAC of the AD6421, controllable by the
radio’s digital processor. This connection should be made
through a single pole RC to reduce high frequency noise into
the gain control circuit. The values shown in Figure 35 provide
a –3 dB point at approximately 1 MHz, sufficient for the gain
control.
Gain control scaling is directly proportional to the reference
voltage applied to Pin GREF and is independent of the power
supply voltage. A nominal 1.2 V reference for GREF can be
provided by the AD6421 through BREFOUT. BREFOUT is
a buffered output version of BREFCAP reference. This refer-
ence output feature is enabled on the AD6421 by setting Bit 2
in control register BCRB (BCRB2). See AD6421 data sheet.
The VGAIN input range for this control signal is 0.2 V– 2.4 V where
gain is maximum at 0.2 V and falls off as VGAIN is increased to
2.4 V. To avoid saturating the input to the baseband converter,
the automatic gain control function of the receiver must limit
the output signal swing of the AD6432 to
±1.2 V, the full signal
range of the input.
Phase-Lock Loop Control
The AD6432 PLL/QVCO circuits require an external frequency
reference for coherent modulation and demodulation of the
baseband and IF signal. The external frequency reference con-
trol for the AD6432 PLL/QVCOs is typically generated through
a 13 MHz voltage controlled temperature compensated crystal
oscillator (VCTCXO). The control voltage for the VCTCXO is
generated by an auxiliary DAC in the AD6421 designated as
the Automatic Frequency Control DAC (AFCDAC). The PLL
loop is closed through the radio’s algorithm signal processor,
which drives the AD6421 AFCDAC.
The AD6432 FREF pin provides the VCTCXO reference sig-
nal to the AD6432 RX quadrature VCO (QVCO) circuit.
The AD6432 FREF input must be an ac coupled signal
200 mV p-p or greater. The reference for the UHF TX QVCO
and RX IF down converter is synthesized from the VCTCXO
output reference signal through an external frequency synthe-
sizer and VCO. This UHF reference is an ac coupled input into
AD6432 LOHI and LOLO pins.
An external series RC network connected between FLTR (Pin
29) and the VPOS supply pin provides the proper loop filter for
the VCO/PLL as shown in Figure 35.
LC
BAND-
PASS
FILTER
FREQUENCY
SYNTHESIZER
VCTCXO
50pF
1k
Ω
100nF
0.1 F
160
Ω
1nF
1nF
ITXP
ITXN
QTXP
QTXN
AD6421
IRXP
IRXN
QRXP
QRXN
AFCDAC
MCLK
BREFCAP
BREFOUT
AGCDAC
RAMDAC
POWER CONTROL
50pF
GAIN
GREF
LOLO
LOHI
FREF
QRXN
QRXP
IRXN
IRXP
QTXN
QTXP
ITXN
ITXP
AD6432
Figure 35. AD6432 to AD6421 Interface
Transmit Power Control
A general purpose amplifier is available on the AD6432, which
may be useful as part of an automatic control circuit for the
power amplifier. Open ended, this amplifier will swing full scale
from rail to rail. It is recommended that this amplifier be con-
nected in the unity feedback configuration when not being used
by connecting PCAO to PCAM.
AD6432 EVALUATION BOARD
The AD6432 Evaluation Board is designed to enable measure-
ments of key parameters on the AD6432 IFIC, a device that
provides the complete transmit and receive IF signal processing,
including I/Q modulation and demodulation, necessary to imple-
ment a digital wireless transceiver.
Many of the signal paths into and out of the AD6432 are differ-
ential, which is the preferred interface to and from single supply
CODECS. To facilitate an interface to traditional lab equip-
ment, the following interface circuitry is included on the board.
A 20-pin Berg strip for bias, gain and Inphase and Quadrature
signal interface. End Launch SMA connectors for RF, LO,
MODO and FREF signals and provisions for breaking out
MXOP and IFHI with RF transformers.
A single-ended to differential RF transformer provides a bal-
anced LO drive.
An onboard 1.2 V dc reference IC is provided for application to
GREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com