Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6432AST Datasheet(PDF) 9 Page - Analog Devices

Part # AD6432AST
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432AST Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6432AST Datasheet HTML 5Page - Analog Devices AD6432AST Datasheet HTML 6Page - Analog Devices AD6432AST Datasheet HTML 7Page - Analog Devices AD6432AST Datasheet HTML 8Page - Analog Devices AD6432AST Datasheet HTML 9Page - Analog Devices AD6432AST Datasheet HTML 10Page - Analog Devices AD6432AST Datasheet HTML 11Page - Analog Devices AD6432AST Datasheet HTML 12Page - Analog Devices AD6432AST Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD6432
–9–
REV. 0
FREQUENCY OF VCO – MHz
10
40
50
–1.2
–1.0
0
–0.2
–0.4
–0.6
–0.8
15
20
25
30
35
45
–1.4
TA = –40 C
TA = +25 C
TA = +85 C
Figure 15. PLL Loop Voltage at FLTR Pin (KVCO) vs.
Frequency
GAIN VOLTAGE – Volts
0
–60
–50
–10
–20
–30
–40
0.5
1.0
1.5
2.0
2.5
–70
Figure 16. System (Mixer + IF LC Filter + IF Amplifier +
Demodulator) 1 dB Compression Point vs. VGAIN, TA = +25°C,
VPOS = 3 V, FRF = 250 MHz, FIF = 26 MHz, VGREF = 1.2 V
GAIN VOLTAGE – Volts
0
–60
–50
–10
–20
–30
–40
0.5
1.0
1.5
2.0
2.5
–70
0
Figure 17. System (Mixer + IF LC Filter + IF Amplifier +
Demodulator) IP3 vs. VGAIN, TA = +25°C, VPOS = 3 V,
FIF = 26 MHz, FRF = 250 MHz, VGREF = 1.2 V
VGAIN – Volts
0
4
6
14
12
10
8
0.5
1.0
1.5
2.0
2.5
2
16
0
–2
–4
Figure 18. Rx Mixer Conversion Gain vs VGAIN, TA = +25°C,
VPOS = 3 V, FRF = 250 MHz, FIF = 26 MHz, VGREF = 1.2 V
VGAIN – Volts
0
40
50
70
60
0.5
1.0
1.5
2.0
2.5
30
20
10
0
Figure 19. IF Amplifier/Demodulator Gain vs. VGAIN,
TA = +25°C, VPOS = 3 V, FRF = 250 MHz, FIF = 26 MHz,
VGREF = 1.2 V
GAIN VOLTAGE – Volts
0
40
50
70
60
0.5
1.0
1.5
2.0
2.5
30
20
10
0
80
Figure 20. System (Mixer + IF LC Filter + IF Amplifier +
Demodulator) Gain vs. VGAIN, TA = +25°C, VPOS = 3 V,
FIF =26 MHz, FRF = 250 MHz, VGREF = 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com