Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6432AST Datasheet(PDF) 12 Page - Analog Devices

Part # AD6432AST
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432AST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6432AST Datasheet HTML 8Page - Analog Devices AD6432AST Datasheet HTML 9Page - Analog Devices AD6432AST Datasheet HTML 10Page - Analog Devices AD6432AST Datasheet HTML 11Page - Analog Devices AD6432AST Datasheet HTML 12Page - Analog Devices AD6432AST Datasheet HTML 13Page - Analog Devices AD6432AST Datasheet HTML 14Page - Analog Devices AD6432AST Datasheet HTML 15Page - Analog Devices AD6432AST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD6432
–12–
REV. 0
Receive Mixer
The UHF mixer is an improved Gilbert-cell design that can
operate from low frequencies (it is internally dc-coupled) up to
an RF input of 350 MHz. The dynamic range at the input of the
mixer is determined, at the upper end, by the maximum input
signal level of
±71 mV (–13 dBm in 50 Ω between RFHI and
RFLO) up to which the mixer remains linear and, at the lower
end, by the noise level. It is customary to define the linearity of
a mixer in terms of the 1 dB gain-compression point and third-
order intercept, which for the AD6432 are –13 dBm and 0 dBm,
respectively, in a 50
Ω system.
The mixer’s RF input port is differential, that is, pin RFLO is
functionally identical to RFHI, and these nodes are internally
biased. The RF port can be modeled as a parallel RC circuit as
shown in Figure 29. The local oscillator input of the receive
mixer is internally provided by the LO divided by two.
RFHI
RFLO
CSH
RSH
Figure 28. Mixer Port Modeled as a Parallel RC Network
At VGAIN = 1.2 V and FRF = 250 MHz, CSH = 3.5 pF and
RSH = 400 Ω (See Figure 4)
The output of the mixer is differential. The nominal conversion
gain is specified for operation into a 26 MHz LC IF bandpass
filter, as shown in Figure 29 and Table I.
MXOP
C1
C2
C1
L1
MXOM
IFIM
IFIP
Figure 29. Suggested IF Filter Inserted Between the
Mixer’s Output Port and the Amplifier’s Input Port
The conversion gain is measured between the mixer input and
the input of this filter, and varies between –3 dB and +15 dB.
Table I. Filter Component Values for Selected Frequencies
Frequency
C1
L1
C2
13 MHz
27 pF
0.82
µH
180 pF
26 MHz
22 pF
0.39
µH
82 pF
The maximum permissible signal level between MXOP and
MXOM is determined by the maximum gain control voltage.
The mixer output port, having pull-up resistors of 250
Ω to
VPRX, is shown in Figure 30.
VPRX
MXOP
250
Ω
250
Ω
MXOM
Figure 30. Mixer Output Port
IF Amplifier
Most of the gain in the AD6432 receive section is provided by
the IF amplifier strip, which comprises two stages. Both are fully
differential and each has a gain span of 31 dB for the AGC volt-
age range of 0.2 V to 2.4 V. Thus, in conjunction with the vari-
able gain of the mixer, the total gain span is 80 dB. The overall IF
gain varies from –14 dB to +48 dB for the nominal AGC voltage of
0.2 V to 2.4 V. Maximum gain is at VGAIN = 0.2 V.
The IF input is differential, at IFHI and IFLO. Figure 32 shows
a simplified schematic of the IF interface modeled as parallel
RC network.
The operative range of the IF amplifier is approximately 50 MHz
from IFHI and IFLO through the demodulator.
IFHI
IFLO
CSH
RSH
Figure 31. IF Amplifier Port Modeled as a Parallel RC
Network for VGAIN = 1.2 V and FIF = 26 MHz, CSH = 3 pF,
RSH = 8.5 kΩ (See Figure 10)
Gain Scaling
The overall gain of the AD6432, expressed in decibels, is linear
with respect to the AGC voltage VGAIN at Pin GAIN. The gain
of all sections is maximum when VGAIN is 0.2, and falls off as the
bias is increased to VGAIN = 2.4 V and is independent of the
power supply voltage. The gain of all stages changes simulta-
neously. The AD6432’s gain scaling is also temperature-
compensated. Note that GAIN pin of the AD6432 is an input
driven by an external low impedance voltage source, normally a
DAC, under the control of radio’s digital processor.
The gain-control scaling is directly proportional to the reference
voltage applied to the Pin GREF and is independent of the
power supply voltage. When this input is set to the nominal
value of 1.2 V, the scale is nominally 27.5 mV/dB (36.4 dB/V).
Under these conditions, 80 dB of gain range (mixer plus IF)
corresponds to a control voltage of 0.2 V < = VG < = 2.4 V. The
final centering of this 2.2 V range depends on the insertion losses of
the IF filters used.
Pin GREF can be tied to an external voltage reference, VREF,
provided, for example, by a AD1580 (1.21 V) voltage reference.
When using the Analog Devices AD7013 (IS54, TETRA and
satellite receiver applications) and AD7015 or AD6421 (GSM,
DCS1800, PCS1900) baseband converters, the external refer-
ence may also be provided by the reference output of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com