Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6432AST Datasheet(PDF) 8 Page - Analog Devices

Part # AD6432AST
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432AST Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6432AST Datasheet HTML 4Page - Analog Devices AD6432AST Datasheet HTML 5Page - Analog Devices AD6432AST Datasheet HTML 6Page - Analog Devices AD6432AST Datasheet HTML 7Page - Analog Devices AD6432AST Datasheet HTML 8Page - Analog Devices AD6432AST Datasheet HTML 9Page - Analog Devices AD6432AST Datasheet HTML 10Page - Analog Devices AD6432AST Datasheet HTML 11Page - Analog Devices AD6432AST Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD6432
–8–
REV. 0
INTERMEDIATE FREQUENCY – MHz
30
10
20
10
0
–10
50
VGAIN = 0.2V
15
20
25
30
35
40
60
70
40
45
VGAIN = 0.5V
VGAIN = 1.5V
VGAIN = 2.4V
Figure 9. IF Amplifier and Demodulator Gain vs. IF
Frequency, TA = +25°C, VPOS = 3 V, VGREF = 1.2 V
IF INPUT FREQUENCY – MHz
10
15
20
25
30
35
13000
40
45
50
12000
11000
10000
9000
8000
7000
6000
5000
4000
3000
RS
VGAIN = 2.4V
RS
VGAIN = 1.2V
RS
VGAIN = 0.2V
CS
VGAIN = 0.2V
CS
VGAIN = 1.2V
CS
VGAIN = 2.4V
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Figure 10. IF Amplifier Input Impedance vs. Frequency,
TA = +25°C, VPOS = 3 V, VGREF = 1.2 V
VGAIN – Volts
0
0.5
1.0
1.5
2.0
2.5
–60
–50
–40
–30
–20
–10
0
Figure 11. IF Amplifier/Demodulator Input 1 dB
Compression Point vs. VGAIN , FIF = 26 MHz,
VGREF = 1.2 V, TA = +25°C, VPOS = 3 V
VGAIN – Volts
0
0.5
1.0
1.5
2.0
2.5
–0.2
–0.1
0
0.1
0.2
0.3
0.4
MIXER
IF AMP/DEMOD
Figure 12. Gain Error vs. Gain Control Voltage, TA = +25°C,
VPOS = 3 V, VGREF = 1.2 V, FRF = 250 MHz, FIF = 26 MHz
DEMODULATOR VCO FREQUENCY – MHz
10
15
20
25
30
35
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
40
45
–0.2
0
0.2
0.4
0.6
Figure 13. Demodulator Quadrature Error vs. FREF
Frequency, TA = +25°C, VPOS = 3 V
FREQUENCY OFFSET – kHz
0.1
1.0
10
100
1000
–110
–105
–80
–85
–90
–95
–100
IF = 26MHz
IF = 13MHz
Figure 14. PLL Phase Noise vs. Frequency, VPOS = 3 V,
CFLTR =1 nF, RFLTR =1 kΩ, FREF = 13 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com