Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6432AST Datasheet(PDF) 14 Page - Analog Devices

Part # AD6432AST
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432AST Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6432AST Datasheet HTML 10Page - Analog Devices AD6432AST Datasheet HTML 11Page - Analog Devices AD6432AST Datasheet HTML 12Page - Analog Devices AD6432AST Datasheet HTML 13Page - Analog Devices AD6432AST Datasheet HTML 14Page - Analog Devices AD6432AST Datasheet HTML 15Page - Analog Devices AD6432AST Datasheet HTML 16Page - Analog Devices AD6432AST Datasheet HTML 17Page - Analog Devices AD6432AST Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD6432
–14–
REV. 0
Local Oscillator Input
The Local Oscillator (LO) input port is differential and consists
of two functionally identical pins, LOHI and LOLO. It accepts
a signal of 200 mV p-p at a frequency between 200 MHz and
600 MHz. Inputs LOHI and LOLO are internally biased to the
positive supply (Pin 3) through 500
Ω resistors. While not usu-
ally needed, these inputs may be driven through a simple match-
ing network to lower the LO power required from a 50
Ω source.
Single-sided drives are not recommended. The most noticeable
effects will be degradation of phase balance and an increase in
phase noise.
This signal is fed internally to a divider by two that generates the
mixing signals for the receive mixer and the transmit modulator.
In order to meet the phase and amplitude balance of the trans-
mit quadrature modulator, as stated in the specification table,
the duty cycle of the LO signal must be such that the second
harmonic is at least 30 dBc below the fundamental.
I/Q Convention
The AD6432 is a complete IF subsystem. Although not a re-
quirement for using the AD6432, most applications will use a
high side LO injection on the receive mixer. The I and Q con-
vention on the receive section is such that when a spectrum with
I leading Q is presented to the input of the receive mixer and a
high side LO is presented to the receive mixer, I still leads Q at
the baseband output of the AD6432.
Likewise, the I and Q convention on the transmit section is
such that when a spectrum with I leading Q is presented at the
baseband input of the modulator, I still leads Q at the output of
the modulator.
Auxiliary Op Amp
An auxiliary operational amplifier is available although it is im-
portant to remember that it is active only when TXPU is high.
The positive and negative input terminals are PCAP and PCAM
with PCAO being the output pin. The inputs are the bases of
PNP transistors with a typical bias current of approximately
150 nA. The input offset voltage is typically < 4 mV and the
open loop gain of the amplifier is 60 dB. The amplifier is unity
gain stable with a –3 dB Bandwidth greater than 40 MHz. The
input signal voltage range is from 0.1 V to VPOS – 2.1 V.
Bias System
The AD6432 operates from a single supply, VPOS, usually 3 V, at
a typical supply current in receive mode of 13 mA at midgain
and TA = +25
°C, corresponding to a power consumption of
39 mW. Any voltage from 2.7 V to 3.6 V may be used.
The bias system includes a fast-acting active high CMOS-com-
patible power-up switch, allowing the part to idle at less than
100
µA when disabled. Biasing is generally proportional-to-
absolute temperature (PTAT) to ensure stable gain with tem-
perature. Other special biasing techniques are used to ensure
very accurate gain, stable over the full temperature range.
USING THE AD6432
In this section, we will focus on a few areas of special impor-
tance through the real life example of interfacing the AD6432
to the AD6421 Base Band converter. As is true of any wideband
high gain components, great care is needed in PC board layout.
The location of the particular grounding points must be considered
with due regard for the possibility of unwanted signal coupling.
The high sensitivity of the AD6432 leads to the possibility
that unwanted local EM signals may have an effect on the per-
formance. During system development, carefully-shielded test
assemblies should be used. The best solution is to use a fully
enclosed box enclosing all components, with the minimum
number of needed signal connectors (RF, LO, I and Q outputs)
in miniature coax form.
Interfacing the AD6432 to the AD6421 Baseband Converter
The AD6421 Baseband Converter contains all the necessary
elements to drive the AD6432.
Receive Interface
The interface between the two devices provides for quadrature
I and Q channels that can be driven either differentially or in the
single-ended configuration. Figure 35 shows the interface be-
tween the AD6432 and the AD6421 for the differential configu-
ration. The respective pins (IRXP, IRXN, QRXP and QRXN)
are dc coupled through 4.7 k
Ω resistors, which are integrated
within the AD6432. Balanced coupling may be used with a
single 50 pF capacitor between the complementary signals as
illustrated in Figure 35. This low-pass filter is the only external
filter required to prevent aliasing of the baseband analog signal
prior to sampling within the AD6421.
The AD6421 has an external autocalibration mode that can
calibrate out any offsets resulting from the IF demodulation
circuitry.
Transmit Interface
The corresponding transmit (ITXP, ITXN, QTXP and QTXN)
pins of the AD6421 and AD6432 are directly connected as these
have compatible bias levels for dc coupling. To meet the more
stringent phase two filter mask requirements, an external low-
pass filter may be required, depending on the filtering capabili-
ties of the radio section. A passive second order low-pass
filter network with a cutoff frequency to 600 kHz is suggested
as shown in Figure 34. Resistor values should range from
1.5 k
Ω–3.0 kΩ to minimize AD6432 offsets.
QTXN
QTXP
ITXN
ITXP
AD6432
AD6421
ITXP
ITXN
QTXP
QTXN
Figure 34. GSM Phase II Transmit Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com