Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775EB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9775EB
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775EB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9775EB Datasheet HTML 8Page - Analog Devices AD9775EB Datasheet HTML 9Page - Analog Devices AD9775EB Datasheet HTML 10Page - Analog Devices AD9775EB Datasheet HTML 11Page - Analog Devices AD9775EB Datasheet HTML 12Page - Analog Devices AD9775EB Datasheet HTML 13Page - Analog Devices AD9775EB Datasheet HTML 14Page - Analog Devices AD9775EB Datasheet HTML 15Page - Analog Devices AD9775EB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
REV. 0
AD9775
–12–
FREQUENCY – MHz
0
–10
–100
050
150
100
–70
–90
–80
–50
–60
–20
–40
–30
TPC 19. Single-Tone Spuri-
ous Performance, fOUT =
10 MHz, fDATA = 150 MSPS,
No Interpolation
FREQUENCY – MHz
0
–20
–100
05
50
10
15
20 25 30
35 40
45
–40
–60
–80
–10
–30
–50
–40
–90
TPC 22. Two-Tone IMD Per-
formance, fDATA = 150 MSPS,
Interpolation = 4
FREQUENCY – MHz
0
–10
–100
0
100
400
200
300
–60
–70
–80
–90
–20
–30
–40
–50
TPC 25. Single-Tone Spuri-
ous Performance, fOUT =
10 MHz, fDATA = 50 MSPS,
Interpolation = 8
FREQUENCY – MHz
0
–20
–100
010
50
20
30
40
–40
–60
–80
TPC 20. Two-Tone IMD Per-
formance, fDATA = 150 MSPS,
No Interpolation
FREQUENCY – MHz
0
–100
050
300
100
150
200
250
–10
–60
–70
–80
–90
–20
–30
–50
–40
TPC 23. Single-Tone Spuri-
ous Performance, fOUT =
10 MHz, fDATA = 80 MSPS,
Interpolation = 4
0
FREQUENCY – MHz
–120
020
80
40
60
–40
–60
–80
–100
–20
TPC 26. Eight-Tone IMD
Performance, fDATA =
160 MSPS, Interpolation = 8
FREQUENCY – MHz
0
–100
050
300
100
150
200
250
–10
–60
–70
–80
–90
–20
–30
–50
–40
TPC 21. Single-Tone Spuri-
ous Performance, fOUT =
10 MHz, fDATA = 150 MSPS,
Interpolation = 2
FREQUENCY – MHz
0
–20
–100
05
25
10
15
20
–40
–60
–80
–10
–30
–50
–70
–90
TPC 24. Two-Tone IMD Per-
formance, fOUT = 10 MHz,
fDATA = 50 MSPS, Interpola-
tion = 8
(T = 25 C, AVDD = 3.3 V, CLKVDD = 3.3 V, DVDD = 3.3 V, IOUTFS = 20 mA, Interpolation = 2 , Differential Coupled Transformer Output, 50
Doubly Terminated, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com