Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775EB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9775EB
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775EB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9775EB Datasheet HTML 19Page - Analog Devices AD9775EB Datasheet HTML 20Page - Analog Devices AD9775EB Datasheet HTML 21Page - Analog Devices AD9775EB Datasheet HTML 22Page - Analog Devices AD9775EB Datasheet HTML 23Page - Analog Devices AD9775EB Datasheet HTML 24Page - Analog Devices AD9775EB Datasheet HTML 25Page - Analog Devices AD9775EB Datasheet HTML 26Page - Analog Devices AD9775EB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
REV. 0
AD9775
–23–
CLKIN
DATACLK
DATA AT PORTS
1 AND 2
tOD
tH
tS
tS = 0.0ns
tH = 2.5ns
(TYP SPECS)
Figure 18. Timing Requirements in Two Port
Input Mode, with PLL Enabled
DATACLK DRIVER STRENGTH
(Control Register 02h, Bit 5)
The DATACLK output driver strength is capable of driving
>10 mA into a 330
Ω load while providing a rise time of 3 ns.
Figure 19 shows DATACLK driving a 330
Ω resistive load at a
frequency of 50 MHz. By enabling the drive strength option
(Control Register 02h, Bit 5), the amplitude of DATACLK
under these conditions will be increased by approximately 200 mV.
TIME – ns
010
–0.5
20
30
40
0
0.5
1.0
1.5
2.0
2.5
3.0
50
DELTA APPROX. 2.8ns
Figure 19. DATACLK Driver Capability into 330
Ω
at 50 MHz
PLL ENABLED, ONE PORT MODE
(Control Register 02h, Bits 6–1 and 04h, Bits 7–1)
In one port mode, the I and Q channels receive their data from an
interleaved stream at digital input Port 1. The function of Pin 32
is defined as an output (ONEPORTCLK) that generates a clock at
the interleaved data rate which is 2
× the internal input data
rate of the I and Q channels. The frequency of CLKIN is equal
to the internal input data rate of the I and Q channels. The
selection of the data for the I or the Q channel is determined by the
state of the logic level at Pin 31 (IQSEL when the AD9775 is in
one port mode) on the rising edge of ONEPORTCLK. IQSEL
= 1 under these conditions will latch the data into the I channel
on the clock rising edge, while IQSEL = 0 will latch the data into
the Q channel. It is possible to invert the I and Q selection by set-
ting control Register 02h, Bit 1 to the invert state (Logic “1”).
Figure 20 illustrates the timing requirements for the data inputs as
well as the IQSEL input. Note that the 1
× interpolation rate is
not available in the one port mode.
The DAC output sample rate in one port mode is equal to CLKIN
multiplied by the interpolation rate. If zero stuffing is used, another
factor of two must be included to calculate the DAC sample rate.
ONEPORTCLK INVERSION
(Control Register 02h, Bit 2)
By programming this bit, the ONEPORTCLK signal shown in
Figure 20 can be inverted. With inversion enabled, tOD refers to
the delay between the rising edge of the external clock and the
falling edge of ONEPORTCLK. The setup and hold times, tS
and tH, will be with respect to the falling edge of ONEPORTCLK.
There will be no other effect on timing.
ONEPORTCLK DRIVER STRENGTH
The drive capability of ONEPORTCLK is identical to that of
DATACLK in the two port mode. Refer to Figure 19 for perfor-
mance under load conditions.
tOD
tH
tS
CLKIN
I AND Q INTERLEAVED
INPUT DATA AT PORT 1
ONEPORTCLK
IQSEL
tIQH
tIQS
tOD = 4.7ns
tS = 3.0ns
tH = –0.5ns
tIQS = 3.5ns
tIQH = –1.5ns
Figure 20. Timing Requirements in One Port
Input Mode with the PLL Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com