Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775EB Datasheet(PDF) 33 Page - Analog Devices

Part # AD9775EB
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775EB Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9775EB Datasheet HTML 29Page - Analog Devices AD9775EB Datasheet HTML 30Page - Analog Devices AD9775EB Datasheet HTML 31Page - Analog Devices AD9775EB Datasheet HTML 32Page - Analog Devices AD9775EB Datasheet HTML 33Page - Analog Devices AD9775EB Datasheet HTML 34Page - Analog Devices AD9775EB Datasheet HTML 35Page - Analog Devices AD9775EB Datasheet HTML 36Page - Analog Devices AD9775EB Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
REV. 0
AD9775
–33–
The complex carrier synthesized in the AD9775 digital modulator
is accomplished by creating two real digital carriers in quadrature.
Carriers in quadrature cannot be created with the modulator
running at fDAC/2. As a result, complex modulation only functions
with modulation rates of fDAC/4 and fDAC/8.
Regions A and B of Figures 37 through 42 are the result of the
complex signal described above, when complex modulated in the
AD9775 by +e
j t. Regions C and D are the result of the complex
signal described above, again with positive frequency components
only, modulated in the AD9775 by –e
j t. The analog quadra-
ture modulator after the AD9775 inherently modulates by +e
j t.
Region A
Region A is a direct result of the upconversion of the complex
signal near baseband. If viewed as a complex signal, only the
images in Region A will remain. The complex Signal A, consisting
of positive frequency components only in the digital domain, has
images in the positive odd Nyquist zones (1, 3, 5...) as well as
images in the negative even Nyquist zones. The appearance and
rejection of images in every other Nyquist zone will become
more apparent at the output of the quadrature modulator. The
A images will appear on the real and the imaginary outputs of
the AD9775, as well as on the output of the quadrature modula-
tor, where the center of the spectral plot will now represent the
quadrature modulator LO, and the horizontal scale now repre-
sents the frequency offset from this LO.
Region B
Region B is the image (complex conjugate) of Region A. If a spec-
trum analyzer is used to view the real or imaginary DAC outputs
of the AD9775, Region B will appear in the spectrum. However, on
the output of the quadrature modulator, Region B will be rejected.
Region C
Region C is most accurately described as a down conversion, as the
modulating carrier is –e
j t. If viewed as a complex signal, only the
images in Region C will remain. This image will appear on the
real and imaginary outputs of the AD9775, as well as on the
output of the quadrature modulator, where the center of the spec-
tral plot will now represent the quadrature modulator LO and the
horizontal scale will represent the frequency offset from this LO.
Region D
Region D is the image (complex conjugate) of Region C. If a
spectrum analyzer is used to view the real or imaginary DAC
outputs of the AD9775, Region D will appear in the spectrum.
However, on the output of the quadrature modulator, Region D
will be rejected.
Figures 43 through 50 show the measured response of the AD9775
and AD8345 given the complex input signal to the AD9775 in
Figure 43. The data in these graphs was taken with a data rate of
12.5 MSPS at the AD9775 inputs. The interpolation rate of 4
×or
8
×gives a DAC output data rate of 50 MSPS or 100 MSPS. As a
result, the high end of the DAC output spectrum in these graphs
is the first null point for the SIN(x)/x roll-off, and the asymmetry
of the DAC output images is representative of the SIN(x)/x roll-off
over the spectrum. The internal PLL was enabled for these
results. In addition, a 35 MHz third order low-pass filter was
used at the AD9775/AD8345 interface to suppress DAC images.
An important point can be made by looking at Figures 45 and 47.
Figure 45 represents a group of positive frequencies modulated by
complex +fDAC/4, while Figure 47 represents a group of negative
frequencies modulated by complex –fDAC/4. When looking at the
real or imaginary outputs of the AD9775, as shown in Figures 45
and 47, the results look identical. However, the spectrum analyzer
cannot show the phase relationship of these signals. The differ-
ence in phase between the two signals becomes apparent when
they are applied to the AD8345 quadrature modulator, with the
results shown in Figures 46 and 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com