Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775EB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9775EB
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775EB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9775EB Datasheet HTML 9Page - Analog Devices AD9775EB Datasheet HTML 10Page - Analog Devices AD9775EB Datasheet HTML 11Page - Analog Devices AD9775EB Datasheet HTML 12Page - Analog Devices AD9775EB Datasheet HTML 13Page - Analog Devices AD9775EB Datasheet HTML 14Page - Analog Devices AD9775EB Datasheet HTML 15Page - Analog Devices AD9775EB Datasheet HTML 16Page - Analog Devices AD9775EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
REV. 0
AD9775
–13–
MODE CONTROL (VIA SPI PORT)
Table I. Mode Control via SPI Port
(Default Values Are Highlighted)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
SDIO
LSB, MSB First
Software Reset on
Sleep Mode
Power-Down Mode
1R/2R Mode
PLL_LOCK
Bidirectional
0 = MSB
Logic “1”
Logic “1” shuts down
Logic “1” shuts down
DAC output current set
Indicator
0 = Input
1 = LSB
the DAC output
all digital and analog
by one or two external
1 = I/O
currents.
functions.
resistors.
0 = 2R, 1 = 1R
01h
Filter
Filter
Modulation
Modulation Mode
0 = No Zero Stuffing
1 = Real Mix Mode
0 = e
–j
DATACLK/
Interpolation
Interpolation
Mode
(None, fS/2, fS/4, fS/8)
on Interpolation
0 = Complex
1 = e
+j
PLL_LOCK
Rate
Rate
(None, fS/2,
Filters, Logic “1”
Mix Mode
Select
(1
×, 2×, 4×, 8×)(1×, 2×, 4×, 8×)f
S/4, fS/8)
enables zero stuffing.
0 = PLLLOCK
1 = DATACLK
02h
0 = Signed Input
0 = Two Port Mode
DATACLK Driver
DATACLK Invert
ONEPORTCLK Invert
IQSEL Invert
Q First
Data
1 = One Port Mode
Strength
0 = No Invert
0 = No Invert
0 = No Invert
0 = I First
1 = Unsigned
1 = Invert
1 = Invert
1 = Invert
1 = Q First
03h
PLL Divide
PLL Divide
(Prescaler) Ratio
(Prescaler) Ratio
04h
0 = PLL OFF
0 = Automatic
PLL Charge Pump
PLL Charge Pump
PLL Charge Pump
1 = PLL ON
Charge Pump Control
Control
Control
Control
1 = Programmable
05h
IDAC Fine Gain
IDAC Fine Gain
IDAC Fine Gain
IDAC Fine Gain
IDAC Fine Gain
IDAC Fine Gain
IDAC Fine Gain
IDAC Fine Gain
Adjustment
Adjustment
Adjustment
Adjustment
Adjustment
Adjustment
Adjustment
Adjustment
06h
IDAC Coarse Gain
IDAC Coarse Gain
IDAC Coarse Gain
IDAC Coarse Gain
Adjustment
Adjustment
Adjustment
Adjustment
07h
IDAC Offset
IDAC Offset
IDAC Offset
IDAC Offset
IDAC Offset
IDAC Offset
IDAC Offset
IDAC Offset
Adjustment Bit 9
Adjustment Bit 8
Adjustment Bit 7
Adjustment Bit 6
Adjustment Bit 5
Adjustment Bit 4
Adjustment Bit 3
Adjustment Bit 2
08h
IDAC IOFFSET
IDAC Offset
IDAC Offset
Direction
Adjustment Bit 1
Adjustment Bit 0
0 = IOFFSET
on IOUTA
1 = IOFFSET on
IOUTB
09h
QDAC Fine Gain
QDAC Fine Gain
QDAC Fine Gain
QDAC Fine Gain
QDAC Fine Gain
QDAC Fine Gain
QDAC Fine Gain
QDAC Fine Gain
Adjustment
Adjustment
Adjustment
Adjustment
Adjustment
Adjustment
Adjustment
Adjustment
0Ah
QDAC Coarse
QDAC Coarse
QDAC Coarse
QDAC Coarse
Gain Adjustment
Gain Adjustment
Gain Adjustment
Gain Adjustment
0Bh
QDAC Offset
QDAC Offset
QDAC Offset
QDAC Offset
QDAC Offset
QDAC Offset
QDAC Offset
QDAC Offset
Adjustment Bit 9
Adjustment Bit 8
Adjustment Bit 7
Adjustment Bit 6
Adjustment Bit 5
Adjustment Bit 4
Adjustment Bit 3
Adjustment Bit 2
0Ch
QDAC IOFFSET
QDAC Offset
QDAC Offset
Direction
Adjustment Bit 1
Adjustment Bit 0
0 = IOFFSET
on IOUTA
1 = IOFFSET
on IOUTB
0Dh
Version Register
Version Register
Version Register
Version Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com