Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775EB Datasheet(PDF) 18 Page - Analog Devices

Part # AD9775EB
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775EB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9775EB Datasheet HTML 14Page - Analog Devices AD9775EB Datasheet HTML 15Page - Analog Devices AD9775EB Datasheet HTML 16Page - Analog Devices AD9775EB Datasheet HTML 17Page - Analog Devices AD9775EB Datasheet HTML 18Page - Analog Devices AD9775EB Datasheet HTML 19Page - Analog Devices AD9775EB Datasheet HTML 20Page - Analog Devices AD9775EB Datasheet HTML 21Page - Analog Devices AD9775EB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
REV. 0
AD9775
–18–
tDS
tSCLK
tPWH
tPWL
tDS
tDH
INSTRUCTION BIT 7
INSTRUCTION BIT 6
CS
SCLK
SDIO
Figure 4. Timing Diagram for Register Write to AD9775
tDV
DATA BIT N
DATA BIT N–1
CS
SCLK
SDIO
SDO
Figure 5. Timing Diagram for Register Read from AD9775
NOTES ON SERIAL PORT OPERATION
The AD9775 serial port configuration bits reside in Bits 6 and 7
of Register Address 00h. It is important to note that the configura-
tion changes immediately upon writing to the last bit of the register.
For multibyte transfers, writing to this register may occur dur-
ing the middle of the communication cycle. Care must be taken
to compensate for this new configuration for the remaining
bytes of the current communication cycle.
The same considerations apply to setting the reset bit in Register
Address 00h. All other registers are set to their default values, but
the software reset doesn’t affect the bits in Register Address 00h.
It is recommended to use only single-byte transfers when chang-
ing serial port configurations or initiating a software reset.
A write to Bits 1, 2, and 3 of Address 00h with the same logic
levels as for Bits 7, 6, and 5 (bit pattern: XY1001YX binary)
allows the user to reprogram a lost serial port configuration and
to reset the registers to their default values. A second write to
Address 00h with reset bit low and serial port configuration as
specified above (XY) reprograms the OSC IN multiplier set-
ting. A changed fSYSCLK frequency is stable after a maximum of
200 fMCLK cycles (equals wake-up time).
DAC OPERATION
The dual 14-bit DAC output of the AD9775, along with the
reference circuitry, gain, and offset registers, is shown in Figure 6.
Referring to the transfer functions in Equation 1, a reference
current is set by the internal 1.2 V reference, the external RSET
resistor, and the values in the coarse gain register. The fine gain
DAC subtracts a small amount from this and the result is input
to IDAC and QDAC, where it is scaled by an amount equal
to 1024/24. Figures 7a and 7b show the scaling effect of the
coarse and fine adjust DACs. IDAC and QDAC are PMOS
current source arrays, segmented in a 5-4-5 configuration. The
five most significant bits control an array of 31 current sources.
The next four bits consist of 15 current sources whose values
are all equal to 1/16 of an MSB current source. The five LSBs
are binary weighted fractions of the middle bit’s current sources.
All current sources are switched to either IOUTA or IOUTB, depend-
ing on the input code.
The fine adjustment of the gain of each channel allows for
improved balance of QAM modulated signals, resulting in
improved modulation accuracy and image rejection. In the
Applications section of this data sheet, performance data is
included that shows to what degree image rejection can be im-
proved when the AD9775 is used with an AD8345 quadrature
modulator from ADI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com