Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775EB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9775EB
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775EB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9775EB Datasheet HTML 10Page - Analog Devices AD9775EB Datasheet HTML 11Page - Analog Devices AD9775EB Datasheet HTML 12Page - Analog Devices AD9775EB Datasheet HTML 13Page - Analog Devices AD9775EB Datasheet HTML 14Page - Analog Devices AD9775EB Datasheet HTML 15Page - Analog Devices AD9775EB Datasheet HTML 16Page - Analog Devices AD9775EB Datasheet HTML 17Page - Analog Devices AD9775EB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
REV. 0
AD9775
–14–
REGISTER DESCRIPTION
Address 00h
Bit 7
Logic “0” (default). Causes the SDIO pin to act as
an input during the data transfer (Phase 2) of the
communications cycle. When set to “1,” SDIO
can act as an input or output, depending on Bit 7 of
the instruction byte.
Bit 6
Logic “0” (default). Determines the direction
(LSB/MSB first) of the communications and data
transfer communications cycles. Refer to the section
MSB/LSB Transfers for a detailed description.
Bit 5
Writing a “1” to this bit resets the registers to their
default values and restarts the chip. The RESET bit
always reads back “0.” Register Address 00h bits are
not cleared by this software reset. However, a high
level at the RESET pin forces all registers, including
those in Address 00h, to their default state.
Bit 4
Sleep Mode. A Logic “1” to this bit shuts down the
DAC output currents.
Bit 3
Power-Down. Logic “1” shuts down all analog and
digital functions except for the SPI port.
Bit 2
1R/2R Mode. The default (“0”) places the AD9775
in two resistor mode. In this mode, the IREF currents
for the I and Q DAC references are set separately by
the RSET resistors on FSADJ1 and FSADJ2 (Pins
59 and 60). In the 2R mode, assuming the coarse
gain setting is full scale and the fine gain setting is
zero, IFULLSCALE1 = 32
× V
REF/FSADJ1 and
IFULLSCALE2 = 32
× V
REF/FSADJ2. With this bit set
to “1,” the reference currents for both I and Q
DACs are controlled by a single resistor on Pin 60.
IFULLSCALE in one resistor mode for both of the I
and Q DACs is half of what it would be in the 2R
mode, assuming all other conditions (RSET, register
settings) remain unchanged. The full-scale current
of each DAC can still be set to 20 mA by choosing
a resistor of half the value of the RSET value used in
the 2R mode.
Bit 1
PLL_LOCK Indicator. When the PLL is enabled,
reading this bit will give the status of the PLL. A
Logic “1” indicates the PLL is locked. A Logic “0”
indicates an unlocked state.
Address 01h
Bits 7, 6
Filter interpolation rate according to the follow-
ing table:
00
1
×
01
2
×
10
4
×
11
8
×
Bits 5, 4
Modulation mode according to the following table:
00
none
01
fS/2
10
fS/4
11
fS/8
Bit 3
Logic “1” enables zero stuffing mode for interpo-
lation filters.
Bit 2
Default (“1”) enables the real mix mode. The I and
Q data channels are individually modulated by fS/2,
fS/4, or fS/8 after the interpolation filters. However, no
complex modulation is done. In the complex mix
mode (Logic “0”), the digital modulators on the I
and Q data channels are coupled to create a digi-
tal complex modulator. When the AD9775 is
applied in conjunction with an external quadrature
modulator, rejection can be achieved of either the
higher or lower frequency image around the second
IF frequency (i.e., the second IF frequency is the
LO of the analog quadrature modulator external to
the AD9775) according to the bit value of Register
01h, Bit 1.
Bit 1
Logic “0” (default) causes the complex modulation
to be of the form e
–j t, resulting in the rejection of
the higher frequency image when the AD9775 is used
with an external quadrature modulator. A Logic “1”
causes the modulation to be of the form e
+j t, which
causes rejection of the lower frequency image.
Bit 0
In two port mode, a Logic “0” (default) causes Pin 8
to act as a lock indicator for the internal PLL. A
Logic “1” in this register causes Pin 8 to act as a
DATACLK, either generating or acting as an input
clock (see Register 02h, Bit 3) at the input data rate
of the AD9775.
Address 02h
Bit 7
Logic “0” (default) causes data to be accepted on
the inputs as two’s complement binary. Logic “1”
causes data to be accepted as straight binary.
Bit 6
Logic “0” (default) places the AD9775 in two port
mode. I and Q data enters the AD9775 via Ports 1
and 2, respectively. A Logic “1” places the AD9775
in one port mode in which interleaved I and Q data
is applied to Port 1. See the Pin Function Descrip-
tions for DATACLK/PLL_LOCK, IQSEL, and
ONEPORTCLK for detailed information on how
to use these modes.
Bit 5
DATACLK Driver Strength. With the internal PLL
disabled, and this bit set to Logic “0,” it is recom-
mended that DATACLK be buffered. When this bit
is set to Logic “1,” DATACLK acts as a stronger
driver capable of driving small capacitive loads.
Bit 4
Default Logic “0.” A value of “1” inverts DATACLK
at Pin 8.
Bit 2
Default Logic “0.” A value of 1 inverts
ONEPORTCLK at Pin 32.
Bit 1
The default of Logic “0” causes IQSEL = 1 to
direct input data to the I channel, while IQSEL = 0
directs input data to the Q channel. A Logic “1” in
this register inverts the sense of IQSEL.
Bit 0
The default of Logic “0” defines IQ pairing as IQ,
IQ...while programming a Logic “1” causes the pair
ordering to be QI, QI...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com