Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775EB Datasheet(PDF) 37 Page - Analog Devices

Part # AD9775EB
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775EB Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9775EB Datasheet HTML 33Page - Analog Devices AD9775EB Datasheet HTML 34Page - Analog Devices AD9775EB Datasheet HTML 35Page - Analog Devices AD9775EB Datasheet HTML 36Page - Analog Devices AD9775EB Datasheet HTML 37Page - Analog Devices AD9775EB Datasheet HTML 38Page - Analog Devices AD9775EB Datasheet HTML 39Page - Analog Devices AD9775EB Datasheet HTML 40Page - Analog Devices AD9775EB Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
REV. 0
AD9775
–37–
APPLYING THE AD9775 OUTPUT CONFIGURATIONS
The following sections illustrate typical output configurations for
the AD9775. Unless otherwise noted, it is assumed that IOUTFS
is set to a nominal 20 mA. For applications requiring optimum
dynamic performance, a differential output configuration is
suggested. A simple differential output may be achieved by con-
verting IOUTA and IOUTB to a voltage output by terminating
them to AGND via equal value resistors. This type of configura-
tion may be useful when driving a differential voltage input
device such as a modulator. If a conversion to a single-ended
signal is desired and the application allows for ac-coupling, an RF
transformer may be useful, or if power gain is required, an op amp
may be used. The transformer configuration provides optimum
high frequency noise and distortion performance. The differen-
tial op amp configuration is suitable for applications requiring
dc-coupling, signal gain, and/or level shifting within the band-
width of the chosen op amp.
A single-ended output is suitable for applications requiring a
unipolar voltage output. A positive unipolar output voltage will
result if IOUTA and/or IOUTB is connected to a load resistor,
RLOAD, referred to AGND. This configuration is most suitable
for a single-supply system requiring a dc-coupled, ground referred
output voltage. Alternatively, an amplifier could be configured
as an I-V converter, thus converting IOUTA or IOUTB into a nega-
tive unipolar voltage. This configuration provides the best DAC
dc linearity as IOUTA or IOUTB are maintained at ground or vir-
tual ground.
UNBUFFERED DIFFERENTIAL OUTPUT, EQUIVALENT
CIRCUIT
In many applications, it may be necessary to understand the
equivalent DAC output circuit. This is especially useful when
designing output filters or when driving inputs with finite input
impedances. Figure 51 illustrates the output of the AD9775 and
the equivalent circuit. A typical application where this information
may be useful is when designing an interface filter between the
AD9775 and Analog Devices’ AD8345 quadrature modulator.
IOUTA
RA + RB
IOUTB
VOUT
(DIFFERENTIAL)
VSOURCE =
IOUTFS
(RA + RB)
p-p
VOUT+
VOUT–
Figure 51. DAC Output Equivalent Circuit
For the typical situation, where IOUTFS = 20 mA and RA and RB
both equal 50
Ω, the equivalent circuit values become:
VSOURCE = 2 V p-p
ROUT = 100
Ω
Note that the output impedance of the AD9775 DAC itself is
greater than 100 k
Ω and typically has no effect on the impedance
of the equivalent output circuit.
DIFFERENTIAL COUPLING USING A TRANSFORMER
An RF transformer can be used to perform a differential-
to-single-ended signal conversion as shown in Figure 52. A
differentially coupled transformer output provides the optimum
distortion performance for output signals whose spectral content
lies within the transformer’s pass band. An RF transformer such
as the Mini-Circuits T1-1T provides excellent rejection of
common-mode distortion (i.e., even-order harmonics) and noise
over a wide frequency range. It also provides electrical isolation
and the ability to deliver twice the power to the load. Trans-
formers with different impedance ratios may also be used for
impedance matching purposes.
IOUTA
IOUTB
DAC
RLOAD
MINI-CIRCUITS
T1-T2
Figure 52. Transformer-Coupled Output Circuit
The center tap on the primary side of the transformer must be
connected to AGND to provide the necessary dc current path
for both IOUTA and IOUTB. The complementary voltages appearing
at IOUTA and IOUTB (i.e., VOUTA and VOUTB) swing symmetrically
around AGND and should be maintained within the specified
output compliance range of the AD9775. A differential resistor,
RDIFF, may be inserted in applications where the output of the
transformer is connected to the load, RLOAD, via a passive recon-
struction filter or cable. RDIFF is determined by the transformer’s
impedance ratio and provides the proper source termination
that results in a low VSWR. Note that approximately half the
signal power will be dissipated across RDIFF.
DIFFERENTIAL COUPLING USING AN OP AMP
An op amp can also be used to perform a differential-to-single-
ended conversion as shown in Figure 53. This has the added
benefit of providing signal gain as well. In Figure 53, the AD9775
is configured with two equal load resistors, RLOAD, of 25
Ω. The
differential voltage developed across IOUTA and IOUTB is converted
to a single-ended signal via the differential op amp configura-
tion. An optional capacitor can be installed across IOUTA and
IOUTB, forming a real pole in a low pass filter. The addition of
this capacitor also enhances the op amp’s distortion performance
by preventing the DAC’s fast slewing output from overloading
the input of the op amp.
IOUTA
IOUTB
DAC
25
AD8021
500
COPT
225
225
500
ROPT
225
AVDD
25
Figure 53. Op Amp-Coupled Output Circuit
The common-mode (and second order distortion) rejection of this
configuration is typically determined by the resistor matching.
The op amp used must operate from a dual supply since its
output is approximately
±1.0 V. A high speed amplifier, such as
the AD8021, capable of preserving the differential performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com