Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775EB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9775EB
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775EB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9775EB Datasheet HTML 21Page - Analog Devices AD9775EB Datasheet HTML 22Page - Analog Devices AD9775EB Datasheet HTML 23Page - Analog Devices AD9775EB Datasheet HTML 24Page - Analog Devices AD9775EB Datasheet HTML 25Page - Analog Devices AD9775EB Datasheet HTML 26Page - Analog Devices AD9775EB Datasheet HTML 27Page - Analog Devices AD9775EB Datasheet HTML 28Page - Analog Devices AD9775EB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
REV. 0
AD9775
–25–
The programmable modes’ ONEPORTCLK inversion,
ONEPORTCLK driver strength, and IQ pairing described in
the previous section (PLL Enabled, One Port Mode) have
identical functionality with the PLL disabled.
tOD
tH
tS
CLKIN
I AND Q INTERLEAVED
INPUT DATA AT PORT 1
ONEPORTCLK
IQSEL
tIQH
tIQS
tOD = 4.7ns
tS = 3.0ns
tH = –1.0ns
tIQS = 3.5ns
tIQH = –1.5ns
(TYP SPECS)
Figure 22. Timing Requirements in One Port
Input Mode with PLL Disabled
DIGITAL FILTER MODES
The I and Q data paths of the AD9775 have their own indepen-
dent half-band FIR filters. Each data path consists of three FIR
filters, providing up to 8
× interpolation for each channel. The
rate of interpolation is determined by the state of Control Register
01h, Bits 7 and 6. Figures 1a–1c show the response of the digi-
tal filters when the AD9775 is set to 2
×, 4×, and 8× modes. The
frequency axes of these graphs have been normalized to the input
data rate of the DAC. As the graphs show, the digital filters can
provide greater than 75 dB of out-of-band rejection.
An online tool is available for quick and easy analysis of the
AD9775 interpolation filters in the various modes. The link
can be accessed at: www.analog.com/techSupport/designTools/
interactiveTools/dac/ad9777image.html.
AMPLITUDE MODULATION
Given two sine waves at the same frequency, but with a 90 phase
difference, a point of view in time can be taken such that the
waveform that leads in phase is cosinusoidal and the waveform
that lags is sinusoidal. Analysis of complex variables states that
the cosine waveform can be defined as having real positive and
negative frequency components, while the sine waveform consists
of imaginary positive and negative frequency images. This is
shown graphically in the frequency domain in Figure 23.
DC
DC
e–j t/2j
COSINE
SINE
e–j t/2
e–j t/2j
e–j t/2
Figure 23. Real and Imaginary Components of
Sinusoidal and Cosinusoidal Waveforms
Amplitude modulating a baseband signal with a sine or a cosine
convolves the baseband signal with the modulating carrier in the
frequency domain. Amplitude scaling of the modulated signal
reduces the positive and negative frequency images by a factor of
two. This scaling will be very important in the discussion of the
various modulation modes. The phase relationship of the modu-
lated signals is dependent on whether the modulating carrier is
sinusoidal or cosinusoidal, again with respect to the reference
point of the viewer. Examples of sine and cosine modulation are
given in Figure 24.
SINUSOIDAL
MODULATION
DC
DC
Ae–j t/2j
Ae–j t/2
Ae–j t/2
Ae–j t/2j
COSINUSOIDAL
MODULATION
Figure 24. Baseband Signal, Amplitude
Modulated with Sine and Cosine Carriers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com