Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9775EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9775EB
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9775EB Datasheet HTML 11Page - Analog Devices AD9775EB Datasheet HTML 12Page - Analog Devices AD9775EB Datasheet HTML 13Page - Analog Devices AD9775EB Datasheet HTML 14Page - Analog Devices AD9775EB Datasheet HTML 15Page - Analog Devices AD9775EB Datasheet HTML 16Page - Analog Devices AD9775EB Datasheet HTML 17Page - Analog Devices AD9775EB Datasheet HTML 18Page - Analog Devices AD9775EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
REV. 0
AD9775
–15–
Address 03h
Bits 1, 0
Setting this divide ratio to a higher number allows
the VCO in the PLL to run at a high rate (for best
performance) while the DAC input and output clocks
run substantially slower. The divider ratio is set
according to the following table:
00
1
01
2
10
4
11
8
Address 04h
Bit 7
Logic “0” (default) disables the internal PLL. Logic
“1” enables the PLL.
Bit 6
Logic “0” (default) sets the charge pump control to
automatic. In this mode, the charge pump bias
current is controlled by the divider ratio defined in
Address 03h, Bits 1 and 0. Logic “1” allows the
user to manually define the charge pump bias cur-
rent using Address 04h, Bits 2, 1, and 0. Adjusting
the charge pump bias current allows the user to
optimize the noise/settling performance of the PLL.
Bits 0, 1, 2 With the charge pump control set to manual, these
bits define the charge pump bias current according
to the following table:
000
50
µA
001
100
µA
010
200
µA
011
400
µA
100
800
µA
Address 05h, 09h
Bits 7–0
These bits represent an 8-bit binary number (Bit 7
MSB) that defines the fine gain adjustment of the I
(05h) and Q (09h) DAC, according to the equation
given below.
Address 06h, 0Ah
Bits 3–0
These bits represent a 4-bit binary number (Bit 3 MSB)
that defines the coarse gain adjustment of the I (06h)
and Q (0Ah) DACs according to the equation below.
Address 07h, 0Bh
Bits 7–0
Address 08h, 0Ch
Bit 1, 0
The 10 bits from these two address pairs (07h, 08h
and 0Bh, 0Ch) represent a 10-bit binary number
that defines the offset adjustment of the I and Q
DACs according to the equation below (07h, 0Bh–Bit
7 MSB/08h, 0Ch–Bit 0 LSB)
Address 08h, 0Ch
Bit 7
This bit determines the direction of the offset of the
I (08h) and Q (0Ch) DACs. A Logic “0” will apply
a positive offset current to IOUTA, while a Logic “1”
will apply a positive offset current to IOUTB. The
magnitude of the offset current is defined by the
bits in Addresses 07h, 0Bh, 08h, and 0Ch accord-
ing to the formulas given below.
I
I
COARSE
I
FINE
DATA
I
I
COARSE
I
FINE
OUTA
REF
REF
OUTB
REF
REF
=
×


+


×




 ×




=
×


+


×


6
8
1
16
3
32
256
1024
24
2
6
8
1
16
3
32
256
14
–
–


 ×




=×


1024
24
21
2
4
1024
14
14
––
DATA
II
OFFSET
OFFSET
REF
(1)
Equation 1 shows IOUTA and IOUTB as a function of fine gain, coarse gain, and offset adjustment when using the 2R mode. In the 1R
mode, the current IREF is created by a single FSADJ resistor (Pin 60). This current is divided equally into each channel so that a
scaling factor of one-half must be added to these equations for full-scale currents for both DACs and the offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com