Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 19Page - Microchip Technology MCP19111 Datasheet HTML 20Page - Microchip Technology MCP19111 Datasheet HTML 21Page - Microchip Technology MCP19111 Datasheet HTML 22Page - Microchip Technology MCP19111 Datasheet HTML 23Page - Microchip Technology MCP19111 Datasheet HTML 24Page - Microchip Technology MCP19111 Datasheet HTML 25Page - Microchip Technology MCP19111 Datasheet HTML 26Page - Microchip Technology MCP19111 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 23
MCP19111
Current Sense DC Gain
Offset Voltage
IDC_OFFSET
1.4
1.56
1.7
V
Voltage for Zero Current
VZC
—
1.45
—
V
VZCCON = 0x80h
Voltage Reference
Adjustable VOUT Range
VOUT_RANGE
0.5
—
3.6
VVOUT range with no external
voltage divider
VOUT Coarse Resolution
VOUT_COARSE
10.8
15.8
25.8
mV
VOUT Coarse
Mid Set Point
VOUT_COARSE_MID
1.85
2.04
2.25
V
VOUT Fine Resolution
VOUT_FINE
—0.8
1
mV
Output Overvoltage
Adjustable Overvoltage
Range
OVRANGE
0
—
4.5
V
Adjustable Overvoltage
Mid Set Point
OVMID
1.8
2
2.3
V
Adjustable Overvoltage
Resolution
OVR
—
15
—
mV
Output Under Voltage
Adjustable
Under Voltage Range
UVRANGE
0
—
4.5
Adjustable Under Volt-
age Mid Set Point
UVMID
1.8
2
2.3
V
Adjustable Under Voltage
Resolution
UVR
—
15
—
mV
Remote Sense Differential Amplifier
Closed Loop Voltage
Gain
AVOL
0.95
1
1.05
V/V
Common Mode Range
VCMR
GND – 0.3
—
VDD +1.0
V
Note 1
Common Mode
Reject Ratio
CMRR
—
57
—
dB
Differential Amplifier
Offset
VOS
—40
—
mV
See Section 9.5 “Calibration
Word 5” and Section 9.6
“Calibration Word 6”
Compensation
Minimum Zero Frequency
FZERO_MIN
—350
—
Hz
Maximum Zero Frequency
FZERO_MAX
—
35000
—
Hz
Minimum Error Amplifier
Gain
GEA_MIN
—0
—
dB
Maximum Error Amplifier
Gain
GEA_MAX
—
36.15
—
dB
4.2
Electrical Characteristics (Continued)
Electrical Specifications: Unless otherwise noted, VIN = 12V, VREF = 1.2V, FSW =300 kHz, TA =+25°C.
Boldface specifications apply over the TA range of -40°C to +125°C.
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Note 1:
Ensured by design. Not production tested.
2:
VDD-OUT is the voltage present at the VDD pin. VDD is the internally generated bias voltage.
3:
This is the total source current for all GPIO pins combined. Individually, each pin can source a maximum of
25 mA.
4:
PE1 = 0x00h, ABECON = 0x00h, ATSTCON = 0x80h, WPUGPA = 0x00h, WPUGPB = 0x00h, and
SLEEP command issued to PIC core, see SECTION 16.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com