Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 97 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 97 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 93Page - Microchip Technology MCP19111 Datasheet HTML 94Page - Microchip Technology MCP19111 Datasheet HTML 95Page - Microchip Technology MCP19111 Datasheet HTML 96Page - Microchip Technology MCP19111 Datasheet HTML 97Page - Microchip Technology MCP19111 Datasheet HTML 98Page - Microchip Technology MCP19111 Datasheet HTML 99Page - Microchip Technology MCP19111 Datasheet HTML 100Page - Microchip Technology MCP19111 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 97
MCP19111
15.3.1.4
PIR2 Register
The PIR2 register contains the Peripheral Interrupt
Flag bits, as shown in Register 15-5.
Note 1: Interrupt flag bits are set when an
interrupt condition occurs, regardless of
the state of its corresponding enable bit
or the Global Enable bit, GIE of the
INTCON register. User software should
ensure the appropriate interrupt flag bits
are clear prior to enabling an interrupt.
REGISTER 15-5:
PIR2 – PERIPHERAL INTERRUPT FLAG REGISTER 2
R/W-0
U-0
R/W-0
R/W-0
U-0
U-0
R/W-0
U-0
UVIF
—OCIF
OVIF
—
—VINIF
—
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
UVIF: Output undervoltage error interrupt flag bit
1
= Output undervoltage error has occurred
0
= Output undervoltage error has not occurred
bit 6
UNIMPLEMENTED: Read as '0'
bit 5
OCIF: Output overcurrent error interrupt flag bit
1
= Output overcurrent error has occurred
0
= Output overcurrent error has not occurred
bit 4
OVIF: Output overvoltage error interrupt flag bit
1
= Output overvoltage error has occurred
0
= Output overvoltage error has not occurred
bit 3-2
UNIMPLEMENTED: Read as '0'
bit 1
VINIF: VIN Status bit
1
= VIN is below acceptable level
0
= VIN is at acceptable level
bit 0
UNIMPLEMENTED: Read as '0'
TABLE 15-1:
SUMMARY OF REGISTERS ASSOCIATED WITH INTERRUPTS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF
93
OPTION_REG
RAPU
INTEDG
T0CE
T0SE
PSA
PS2
PS1
PS0
75
PIE1
—
ADIE
BCLIE
SSPIE
—
—
TMR2IE
TMR1IE
94
PIE2
UVIE
—OCIE
OVIE
—
—
VINIE
—
95
PIR1
—
ADIF
BCLIF
SSPIF
—
—
TMR2IF
TMR1IF
96
PIR2
UVIF
—OCIF
OVIF
—
—
VINIF
—
97
Legend: — = unimplemented locations read as ‘0’. Shaded cells are not used by Interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com