Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 41Page - Microchip Technology MCP19111 Datasheet HTML 42Page - Microchip Technology MCP19111 Datasheet HTML 43Page - Microchip Technology MCP19111 Datasheet HTML 44Page - Microchip Technology MCP19111 Datasheet HTML 45Page - Microchip Technology MCP19111 Datasheet HTML 46Page - Microchip Technology MCP19111 Datasheet HTML 47Page - Microchip Technology MCP19111 Datasheet HTML 48Page - Microchip Technology MCP19111 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 45
MCP19111
6.10
Output Voltage Configuration
Two registers control the error amplifier reference
voltage. The reference is coarsely set in 15 mV steps
and then finely adjusted in 0.82 mV steps above the
coarse setting (see Registers 6-10 and 6-11). Higher
output voltages can be achieved by using a voltage
divider connected between the output and the +VSEN
pin. Care must be taken to ensure maximum voltage
rating compliance on all pins.
Note:
The OVFCON<VOUTEN> bit must be set
to enable the output voltage setting
registers.
REGISTER 6-10:
OVCCON: OUTPUT VOLTAGE SET POINT COARSE CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OVC7
OVC6
OVC5
OVC4
OVC3
OVC2
OVC1
OVC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
OVC<7:0>: Output Voltage Set Point Coarse Configuration bits
OVC<7:0>
= (VOUT/15.8 mV)+15.8 mV
REGISTER 6-11:
OVFCON: OUTPUT VOLTAGE SET POINT FINE CONTROL REGISTER
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VOUTEN
—
—
OVF4
OVF3
OVF2
OVF1
OVF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
VOUTEN: Output Voltage DAC Enable bit
1
= Output Voltage DAC is enabled
0
= Output Voltage DAC is disabled
bit 6-5
Unimplemented: Read as ‘0’
bit 4-0
OVF<4:0>: Output Voltage Set Point Coarse Configuration bits
OVF<4:0>
= (VOUT – VOUT_COARSE)/0.8 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com