Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 1 Page - Microchip Technology

  MCP19111 Datasheet HTML 1Page - Microchip Technology MCP19111 Datasheet HTML 2Page - Microchip Technology MCP19111 Datasheet HTML 3Page - Microchip Technology MCP19111 Datasheet HTML 4Page - Microchip Technology MCP19111 Datasheet HTML 5Page - Microchip Technology MCP19111 Datasheet HTML 6Page - Microchip Technology MCP19111 Datasheet HTML 7Page - Microchip Technology MCP19111 Datasheet HTML 8Page - Microchip Technology MCP19111 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 1
Synchronous Buck Features:
• Input Voltage: 4.5V to 32V
• Output Voltage: 0.5V to 3.6V
• Switching Frequency: 100 kHz to 1.6 MHz
• Quiescent Current: 5 mA Typical
• High-Drive:
- +5V Gate Drive
- 1A/2A Source Current
- 1A/2A Sink Current
• Low-Drive:
- +5V Gate Drive
- 2A Source Current
- 4A Sink Current
• Peak Current Mode Control
• Differential Remote Output Sense
• Multi-Phase Systems:
- Master or Slave
- Frequency Synchronized
- Common Error Signal
• Multiple Output Systems:
- Master or Slave
- Frequency Synchronized
• Configureable Parameters:
- Overcurrent Limit
- Input Under Voltage Lockout
- Output Overvoltage
- Output Under Voltage
- Internal Analog Compensation
- Soft Start Profile
- Synchronous Driver Dead Time
- Switching Frequency
• Thermal Shutdown
Microcontroller Features:
• Precision 8 MHz Internal Oscillator Block:
- Factory Calibrated
• Interrupt Capable
-Firmware
- Interrupt-on-Change Pins
• Only 35 Instructions to Learn
• 4096 Words On-Chip Program Memory
• High Endurance Flash:
- 100,000 write Flash Endurance
- Flash Retention: >40 years
• Watchdog Timer (WDT) with Independent
Oscillator for Reliable Operation
• Programmable Code Protection
• In-Circuit Debug (ICD) via Two Pins
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
• 14 I/O Pins and One Input-Only Pin
- 3 Open Drain Pins
• Analog-to-Digital Converter (ADC):
- 10-bit Resolution
- 12 Internal Channels
- 8 External Channels
• Timer0: 8-bit Timer/Counter with 8-Bit Prescaler
• Enhanced Timer1:
- 16-bit Timer/Counter with Prescaler
- 2 Selectable Clock Sources
• Timer2: 8-Bit Timer/Counter with Prescaler
- 8-bit Period Register
•
I2CTM Communication:
- 7-bit Address Masking
- 2 Dedicated Address Registers
- SMBus/PMBusTM Compatibility
MCP19111
Digitally Enhanced Power Analog Controller
with Integrated Synchronous Driver


Similar Part No. - MCP19111

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP19111 MICROCHIP-MCP19111 Datasheet
3Mb / 226P
Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
11/29/12
MCP19111-E/MJ MICROCHIP-MCP19111-E/MJ Datasheet
3Mb / 226P
Digitally-Enhanced Power Analog Controller
06/23/16
MCP19111-E/MQ MICROCHIP-MCP19111-E/MQ Datasheet
3Mb / 226P
Digitally-Enhanced Power Analog Controller
06/23/16
MCP19111T-E/MJ MICROCHIP-MCP19111T-E/MJ Datasheet
3Mb / 226P
Digitally-Enhanced Power Analog Controller
06/23/16
MCP19111T-E/MQ MICROCHIP-MCP19111T-E/MQ Datasheet
3Mb / 226P
Digitally-Enhanced Power Analog Controller
06/23/16
More results

Similar Description - MCP19111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5020 INTERSIL-HIP5020 Datasheet
128Kb / 15P
Integrated-Power Buck Converter Controller with Synchronous Rectification
1997 01
logo
Microchip Technology
MCP19110 MICROCHIP-MCP19110 Datasheet
3Mb / 226P
Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
11/29/12
MCP19116 MICROCHIP-MCP19116 Datasheet
3Mb / 246P
Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
07/14/15
MCP19110 MICROCHIP-MCP19110_16 Datasheet
3Mb / 226P
Digitally-Enhanced Power Analog Controller
06/23/16
MCP19124 MICROCHIP-MCP19124 Datasheet
1Mb / 236P
Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
06/23/16
logo
Intersil Corporation
ISL78268 INTERSIL-ISL78268 Datasheet
1Mb / 33P
55V Synchronous Buck Controller with Integrated 3A Driver
December 12, 2014
logo
Richtek Technology Corp...
RT8175A RICHTEK-RT8175A Datasheet
717Kb / 47P
Single-Phase Controller with Integrated Driver
logo
Renesas Technology Corp
ISL78268 RENESAS-ISL78268 Datasheet
1Mb / 34P
55V Synchronous Buck Controller with Integrated 3A Driver
logo
Semtech Corporation
SC32300B SEMTECH-SC32300B Datasheet
533Kb / 18P
Synchronous Power MOSFET Driver With Integrated 3.3V LDO
logo
Microchip Technology
MCP19116 MICROCHIP-MCP19116_V01 Datasheet
2Mb / 246P
Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
Revision D June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com