Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 6Page - Microchip Technology MCP19111 Datasheet HTML 7Page - Microchip Technology MCP19111 Datasheet HTML 8Page - Microchip Technology MCP19111 Datasheet HTML 9Page - Microchip Technology MCP19111 Datasheet HTML 10Page - Microchip Technology MCP19111 Datasheet HTML 11Page - Microchip Technology MCP19111 Datasheet HTML 12Page - Microchip Technology MCP19111 Datasheet HTML 13Page - Microchip Technology MCP19111 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 222 page
background image
MCP19111
DS22331A-page 10
 2013 Microchip Technology Inc.
2.0
PIN DESCRIPTION
The 28-Lead MCP19111 device features pins that have
multiple functions associated with each pin. Table 2-1
provides a description of the different functions. See
Section 2.1 “Detailed Pin Functional Description”
for more detailed information.
TABLE 2-1:
MCP19111 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
GPA0/AN0/ANALOG_TEST
GPA0
TTL
CMOS
General purpose I/O
AN0
AN
—
A/D Channel 0 input.
ANALOG_TEST
—
—
Internal analog signal multiplexer output (1)
GPA1/AN1/CLKPIN
GPA1
TTL
CMOS
General purpose I/O
AN1
AN
—
A/D Channel 1 input.
CLKPIN
—
—
Switching frequency clock input or output (2 ,3)
GPA2/AN2/T0CKI/INT
GPA2
TTL
CMOS
General purpose I/O
AN2
AN
—
A/D Channel 2 input
T0CKI
ST
—
Timer0 clock input
INT
ST
—
External interrupt
GPA3/AN3
GPA3
TTL
CMOS
General purpose I/O
AN3
AN
—
A/D Channel 3 input
GPA4
GPA4
TTL
OD
General purpose I/O
GPA5/MCLR
GPA5
TTL
—
General purpose input only
MCLR
ST
—
Master Clear with internal pull-up
GPA6
GPA6
ST
CMOS
General purpose I/O
GPA7/SCL
GPA7
ST
OD
General purpose open drain I/O
SCL
I2COD
I2C clock
GPB0/SDA
GPB0
TTL
OD
SDA
I2COD
I2C data input/output
GPB1/AN4/EAPIN
GPB1
TTL
CMOS
General purpose I/O
AN4
AN
—
A/D Channel 4 input
EAPIN
—
—
Error amplifier signal input/output (3)
GPB2/AN5
GPB2
TTL
CMOS
General purpose I/O
AN5
AN
—
A/D Channel 5 input
GPB4/AN6/ICSPDAT
GPB4
TTL
CMOS
General purpose I/O
AN6
AN
—
A/D Channel 6 input
ICSPDAT
ST
CMOS
Primary Serial Programming Data I/O
Legend:
AN = Analog input or output
CMOS =CMOS compatible input or output
OD = Open Drain
TTL = TTL compatible input
ST
=Schmitt Trigger input with CMOS levels
I2C = Schmitt Trigger input with I2C
Note
1:
Analog Test is selected when the ATSTCON<BNCHEN> bit is set.
2:
Selected when device is functioning as multiple output master or slave by proper configuration of the MLTPH<2:0> bits
in the BUFFCON register.
3:
Selected when device is functioning as multi-phase master or slave by proper configuration of the MLTPH<2:0> bits in
the BUFFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com