Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 44Page - Microchip Technology MCP19111 Datasheet HTML 45Page - Microchip Technology MCP19111 Datasheet HTML 46Page - Microchip Technology MCP19111 Datasheet HTML 47Page - Microchip Technology MCP19111 Datasheet HTML 48Page - Microchip Technology MCP19111 Datasheet HTML 49Page - Microchip Technology MCP19111 Datasheet HTML 50Page - Microchip Technology MCP19111 Datasheet HTML 51Page - Microchip Technology MCP19111 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 222 page
background image
MCP19111
DS22331A-page 48
 2013 Microchip Technology Inc.
REGISTER 6-14:
PE1: ANALOG PERIPHERAL ENABLE 1 CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DECON
DVRSTR
HDLYBY
LDLYBY
PDEN
PUEN
UVTEE
OVTEE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
DECON: Diode Emulation Mode bit
1
= Diode emulation mode enabled
0
= Synchronous rectification mode enabled
bit 6
DVRSTR: High-Side Drive Strength Configuration bit
1
= High-side 1A source/sink drive strength
0
= High-side 2A source/sink drive strength
bit 5
HDLYBY: High-Side Dead Time Bypass bit
1
= High-side dead time bypass is enabled
0
= High-side dead time bypass is disabled
bit 4
LDLYBY: Low-Side Dead Time Bypass bit
1
= Low-side dead time bypass is enabled
0
= Low-side dead time bypass is disabled
bit 3
PDEN: -VSEN Weak Pull Down Enable bit
1
= -VSEN weak pull down is enabled
0
= -VSEN weak pull down is disabled
bit 2
PUEN: +VSEN Weak Pull Up Enable bit
1
= +VSEN weak pull up is enabled
0
= +VSEN weak pull up is disabled
bit 1
UVTEE: Output Under Voltage Accelerator Enable bit
1
= Output under voltage accelerator is enabled
0
= Output under voltage accelerator is disabled
bit 0
OVTEE: Output Over Voltage Accelerator Enable bit
1
= Output over voltage accelerator is enabled
0
= Output over voltage accelerator is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com