Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 35Page - Microchip Technology MCP19111 Datasheet HTML 36Page - Microchip Technology MCP19111 Datasheet HTML 37Page - Microchip Technology MCP19111 Datasheet HTML 38Page - Microchip Technology MCP19111 Datasheet HTML 39Page - Microchip Technology MCP19111 Datasheet HTML 40Page - Microchip Technology MCP19111 Datasheet HTML 41Page - Microchip Technology MCP19111 Datasheet HTML 42Page - Microchip Technology MCP19111 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 39
MCP19111
6.4
Current Sense DC Gain
DC gain can be added to the sensed inductor current to
allow it to be read by the ADC. The amount of DC gain
added is controlled by the CSDGCON register.
Adding DC gain to the current sense signal used by the
control loop may also be needed in some multi-phase
systems to account for device and component
differences. The CSDGEN bit determines if the gained
current sense signal is added back to the AC current
signal (see Register 6-4). If the CSDGEN bit is cleared,
DC gain can still be added, but the gained signal is not
added back to the AC current signal.
REGISTER 6-4:
CSDGCON: CURRENT SENSE DC GAIN CONTROL REGISTER
R/W-0
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
CSDGEN
Reserved
CSDG2
CSDG1
CSDG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
CSDGEN: Current Sense DC Gain Enable bit
1
= DC gain current sense signal used in control loop.
0
= DC gain current sense signal only read by ADC.
bit 6-4
Unimplemented: Read as ‘0’
bit 3
Reserved
bit 2-0
CSDG<2:0>: Current Sense DC Gain Setting bits
000
= 19.5 dB
001
= 21.8 dB
010
= 24.1 dB
011
= 26.3 dB
100
= 28.6 dB
101
= 30.9 dB
110
= 33.2 dB
111
= 35.7 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com