Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 63Page - Microchip Technology MCP19111 Datasheet HTML 64Page - Microchip Technology MCP19111 Datasheet HTML 65Page - Microchip Technology MCP19111 Datasheet HTML 66Page - Microchip Technology MCP19111 Datasheet HTML 67Page - Microchip Technology MCP19111 Datasheet HTML 68Page - Microchip Technology MCP19111 Datasheet HTML 69Page - Microchip Technology MCP19111 Datasheet HTML 70Page - Microchip Technology MCP19111 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 67
MCP19111
11.0
MEMORY ORGANIZATION
There are two types of memory in the MCP19111:
• Program Memory
• Data Memory
- Special Function Registers (SFRs)
- General Purpose RAM
11.1
Program Memory Organization
The MCP19111 has a 13-bit program counter capable
of addressing an 8K x 14 program memory space. Only
the
first
4K x 14
(0000h-0FFFh)
is
physically
implemented.
Addressing
a
location
above
this
boundary will cause a wrap-around within the first
4K x 14 space. The Reset vector is at 0000h and the
interrupt vector is at 0004h (see Figure 11-1). The width
of the program memory bus (instruction word) is
14-bits. Since all instructions are a single word, the
MCP19111 has space for 4K of instructions.
FIGURE 11-1:
PROGRAM MEMORY MAP
AND STACK FOR
MCP19111
Unimplemented
PC<12:0>
13
0000h
0004h
0005h
0FFFh
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-Chip Program
Memory
CALL, RETURN
RETFIE, RETLW
1000h
User IDs(1)
Device ID (hardcoded)(1)
Config Word(1)
2000h
2005h
2006h
2007h
200Ah
207Fh
20FFh
2003h
2004h
ICD Instruction(1)
Manufacturing Codes(1)
Note 1: Not code protected.
Shadows 000-FFFh
2008h
Reserved for
Manufacturing & Test(1)
2080h
Calibration Words(1)
200Bh
208Fh
2090h
Shadows 2000-20FFh
2100h
3FFFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com