Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 45Page - Microchip Technology MCP19111 Datasheet HTML 46Page - Microchip Technology MCP19111 Datasheet HTML 47Page - Microchip Technology MCP19111 Datasheet HTML 48Page - Microchip Technology MCP19111 Datasheet HTML 49Page - Microchip Technology MCP19111 Datasheet HTML 50Page - Microchip Technology MCP19111 Datasheet HTML 51Page - Microchip Technology MCP19111 Datasheet HTML 52Page - Microchip Technology MCP19111 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 49
MCP19111
6.14
Analog Blocks Enable Control
Various analog circuit blocks can be enabled or
disabled, as shown in Register 6-15. Addition enable
bits are located in the ATSTCON register.
6.14.1
OUTPUT OVERVOLTAGE ENABLE
The output overvoltage is enabled by setting the
ABECON<OVDCEN> bit. Clearing this bit will disable
the output overvoltage circuitry and cause the setting in
the OOVCON register to be ignored.
6.14.2
OUTPUT UNDER VOLTAGE
ENABLE
The output under voltage is enabled by setting the
ABECON<UVDCEN> bit. Clearing this bit will disable
the output under voltage circuitry and cause the setting
in the OUVCON register to be ignored.
6.14.3
RELATIVE EFFICIENCY
MEASUREMENT CONTROL
Section 10.0 “Relative Efficiency Measurement”
describes the procedure used to measure the relative
efficiency
of
the
system.
Setting
the
ABECON<MEASEN>
bit
initiates
the
relative
measurement.
6.14.4
SLOPE COMPENSATION CONTROL
The slope compensation described in Register 6-7 can
be bypassed by setting the ABECON<SLCPBY> bit.
Under normal operation, this bit will always be set.
6.14.5
CURRENT MEASUREMENT
CONTROL
The peak current measurement circuitry is controlled
by the ABECON<CRTMEN> bit. Setting this bit
enables the current measurement circuitry. Under
normal operation, this bit will be set.
6.14.6
INTERNAL TEMPERATURE
MEASUREMENT CONTROL
The internal temperature of the silicon can be
measured with the ADC. To enable the internal
temperature
measurement
circuitry,
the
ABECON<TMPSEN> bit must be set.
6.14.7
RELATIVE EFFICIENCY CIRCUITY
CONTROL
Section 10.0 “Relative Efficiency Measurement”
describes the procedure used to measure the relative
efficiency
of
the
system.
Setting
the
ABECON<RECIREN>
bit
enables
the
relative
efficiency measurement circuitry.
6.14.8
SIGNAL CHAIN CONTROL
Setting the ABECON<PATHEN> bit enables the
voltage control path. Under normal operation, this bit is
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com