Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 129 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 129 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 125Page - Microchip Technology MCP19111 Datasheet HTML 126Page - Microchip Technology MCP19111 Datasheet HTML 127Page - Microchip Technology MCP19111 Datasheet HTML 128Page - Microchip Technology MCP19111 Datasheet HTML 129Page - Microchip Technology MCP19111 Datasheet HTML 130Page - Microchip Technology MCP19111 Datasheet HTML 131Page - Microchip Technology MCP19111 Datasheet HTML 132Page - Microchip Technology MCP19111 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 129
MCP19111
22.4
A/D Acquisition Requirements
For the ADC to meet its specified accuracy, the charge
holding capacitor (CHOLD) must be allowed to fully
charge to the input channel voltage level. The Analog
Input model is shown in Figure 22-4. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD), refer
to Figure 22-4.
The
maximum
recommended
impedance
for
analog sources is 10 k
. As the source impedance is
decreased, the acquisition time may be decreased.
After the analog input channel is selected (or changed),
an A/D acquisition must be done before the conversion
can be started. To calculate the minimum acquisition
time, Equation 22-1 may be used. This equation
assumes that 1/2 LSb error is used (1,024 steps for the
ADC). The 1/2 LSb error is the maximum error allowed
for the ADC to meet its specified resolution.
EQUATION 22-1:
ACQUISITION TIME EXAMPLE
Note 1: The charge holding capacitor (CHOLD) is not discharged after each conversion.
2: The maximum recommended impedance for analog sources is 10 k
. This is required to meet the pin
leakage specification.
T
ACQ
Amplifier Settling Time
Hold Capacitor Charging Time
Temperature Coefficient
++
=
T
AMP
T
C
T
COFF
++
=
2 µs
T
C
Temperature - 25°C
 0.05 µs/°C


++
=
T
C
C
HOLD
R
IC
R
SS
R
S
++
 ln(1/2047)
–
=
10 pF 1 k
7 k10 k
++

–
ln(0.0004885)
=
1.37
=µs
V
APPLIED
1e
T
C
–
RC
----------
–





V
APPLIED
1
1
2
n1
+
 1
–
------------------------------
–



=
V
APPLIED
1
1
2
n1
+
 1
–
------------------------------
–



V
CHOLD
=
V
APPLIED
1e
T
C
–
RC
----------
–





V
CHOLD
=
;[1] VCHOLD charged to within 1/2 lsb
;[2] VCHOLD charge response to VAPPLIED
;combining [1] and [2]
The value for TC can be approximated with the following equations:
Solving for TC:
Therefore:
Temperature
+50°C and external impedance of 10 k
5.0V V
DD
=
Assumptions:
Note: Where n = number of bits of the ADC.
T
ACQ
2 µs
1.37µs
50°C- 25°C
 0.05µs/°C


++
=
4.67 µs
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com