Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 152 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 152 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 148Page - Microchip Technology MCP19111 Datasheet HTML 149Page - Microchip Technology MCP19111 Datasheet HTML 150Page - Microchip Technology MCP19111 Datasheet HTML 151Page - Microchip Technology MCP19111 Datasheet HTML 152Page - Microchip Technology MCP19111 Datasheet HTML 153Page - Microchip Technology MCP19111 Datasheet HTML 154Page - Microchip Technology MCP19111 Datasheet HTML 155Page - Microchip Technology MCP19111 Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 222 page
background image
MCP19111
DS22331A-page 152
 2013 Microchip Technology Inc.
27.4.3.1
7-bit Addressing Reception
This section describes a standard sequence of events
for the MSSP module configured as an I2C Slave in
7-bit Addressing mode, all decisions
made
by
hardware or software and their effect on reception.
Figure 27-6 and Figure 27-7 are used as a visual
reference for this description.
This is a step-by-step process of what typically must
be done to accomplish I2C communication.
1.
Start bit detected.
2.
S bit of SSPSTAT is set; SSPIF is set if interrupt
on Start detect is enabled.
3.
Matching address with R/W bit clear is received.
4.
The slave pulls SDA low sending an ACK to the
master, and sets SSPIF bit.
5.
Software clears the SSPIF bit.
6.
Software reads received address from SSPBUF
clearing the BF flag.
7.
If SEN = 1, Slave software sets CKP bit to
release the SCL line.
8.
The master clocks out a data byte.
9.
Slave drives SDA low sending an ACK to the
master, and sets SSPIF bit.
10. Software clears SSPIF.
11. Software reads the received byte from SSPBUF
clearing BF.
12. Steps 8–12 are repeated for all received bytes
from the Master.
13. Master sends Stop condition, setting P bit of
SSPSTAT, and the bus goes Idle.
27.4.3.2
7-bit Reception with AHEN and
DHEN
Slave device reception with AHEN and DHEN set
operates the same as without these options with extra
interrupts and clock stretching added after the 8th
falling edge of SCL. These additional interrupts allow
the slave software to decide whether it wants to ACK
the receive address or data byte, rather than the
hardware. This functionality adds support for PMBus
that was not present on previous versions of this
module.
This list describes the steps that need to be taken by
slave
software
to
use
these
options
for
I2C
communication. Figure 27-8 displays a module using
both address and data holding. Figure 27-9 includes
the operation with the SEN bit of the SSPCON2
register set.
1.
S bit of SSPSTAT is set; SSPIF is set if interrupt
on Start detect is enabled.
2.
Matching address with R/W bit clear is clocked
in. SSPIF is set and CKP cleared after the 8th
falling edge of SCL.
3.
Slave clears the SSPIF.
4.
Slave can look at the ACKTIM bit of the
SSPCON3 register to determine if the SSPIF
was after or before the ACK.
5.
Slave reads the address value from SSPBUF,
clearing the BF flag.
6.
Slave sets ACK value clocked out to the master
by setting ACKDT.
7.
Slave releases the clock by setting CKP.
8.
SSPxIF is set after an ACK, not after a NACK.
9.
If SEN = 1 the slave hardware will stretch the
clock after the ACK.
10. Slave clears SSPIF.
11. SSPIF set and CKP cleared after 8th falling
edge of SCL for a received data byte.
12. Slave looks at ACKTIM bit of SSPCON3 to
determine the source of the interrupt.
13. Slave reads the received data from SSPBUF
clearing BF.
14. Steps 7–14 are the same for each received data
byte.
15. Communication is ended by either the slave
sending an ACK = 1, or the master sending a
Stop condition. If a Stop is sent and Interrupt on
Stop Detect is disabled, the slave will only know
by polling the P bit of the SSTSTAT register.
Note: SSPIF is still set after the 9th falling edge of
SCL even if there is no clock stretching and
BF has been cleared. Only if NACK is sent
to Master is SSPIF not set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com