Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2181 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP2181
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 1 Page - Analog Devices

  ADSP2181 Datasheet HTML 1Page - Analog Devices ADSP2181 Datasheet HTML 2Page - Analog Devices ADSP2181 Datasheet HTML 3Page - Analog Devices ADSP2181 Datasheet HTML 4Page - Analog Devices ADSP2181 Datasheet HTML 5Page - Analog Devices ADSP2181 Datasheet HTML 6Page - Analog Devices ADSP2181 Datasheet HTML 7Page - Analog Devices ADSP2181 Datasheet HTML 8Page - Analog Devices ADSP2181 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
FUNCTIONAL BLOCK DIAGRAM
EXTERNAL
ADDRESS
BUS
EXTERNAL
DATA BUS
DMA BUS
SERIAL PORTS
SPORT 1
SPORT 0
MEMORY
PROGRAM
MEMORY
DATA
MEMORY
PROGRAMMABLE
I/O
FLAGS
BYTE DMA
CONTROLLER
TIMER
ADSP-2100 BASE
ARCHITECTURE
SHIFTER
MAC
ALU
ARITHMETIC UNITS
POWER-DOWN
CONTROL
PROGRAM
SEQUENCER
DAG 2
DAG 1
DATA ADDRESS
GENERATORS
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
PROGRAM MEMORY DATA
DATA MEMORY DATA
INTERNAL
DMA
PORT
a
DSP Microcomputer
ADSP-2181
FEATURES
PERFORMANCE
25 ns Instruction Cycle Time from 20 MHz Crystal
@ 5.0 Volts
40 MIPS Sustained Performance
Single-Cycle Instruction Execution
Single-Cycle Context Switch
3-Bus Architecture Allows Dual Operand Fetches in
Every Instruction Cycle
Multifunction Instructions
Power-Down Mode Featuring Low CMOS Standby
Power Dissipation with 100 Cycle Recovery from
Power-Down Condition
Low Power Dissipation in Idle Mode
INTEGRATION
ADSP-2100 Family Code Compatible, with Instruction
Set Extensions
80K Bytes of On-Chip RAM, Configured as
16K Words On-Chip Program Memory RAM
16K Words On-Chip Data Memory RAM
Dual Purpose Program Memory for Both Instruction
and Data Storage
Independent ALU, Multiplier/Accumulator, and Barrel
Shifter Computational Units
Two Independent Data Address Generators
Powerful Program Sequencer Provides
Zero Overhead Looping
Conditional Instruction Execution
Programmable 16-Bit Interval Timer with Prescaler
128-Lead TQFP/128-Lead PQFP
SYSTEM INTERFACE
16-Bit Internal DMA Port for High Speed Access to
On-Chip Memory
4 MByte Memory Interface for Storage of Data Tables
and Program Overlays
8-Bit DMA to Byte Memory for Transparent
Program and Data Memory Transfers
I/O Memory Interface with 2048 Locations Supports
Parallel Peripherals
Programmable Memory Strobe and Separate I/O Memory
Space Permits “Glueless” System Design
Programmable Wait State Generation
Two Double-Buffered Serial Ports with Companding
Hardware and Automatic Data Buffering
Automatic Booting of On-Chip Program Memory from
Byte-Wide External Memory, e.g., EPROM, or
Through Internal DMA Port
Six External Interrupts
13 Programmable Flag Pins Provide Flexible System
Signaling
ICE-Port™ Emulator Interface Supports Debugging
in Final Systems
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
ICE-Port is a trademark of Analog Devices, Inc.
GENERAL DESCRIPTION
The ADSP-2181 is a single-chip microcomputer optimized for
digital signal processing (DSP) and other high speed numeric
processing applications.
The ADSP-2181 combines the ADSP-2100 family base archi-
tecture (three computational units, data address generators and
a program sequencer) with two serial ports, a 16-bit internal
DMA port, a byte DMA port, a programmable timer, Flag I/O,
extensive interrupt capabilities, and on-chip program and data
memory.
The ADSP-2181 integrates 80K bytes of on-chip memory con-
figured as 16K words (24-bit) of program RAM, and 16K words
(16-bit) of data RAM. Power-down circuitry is also provided to
meet the low power needs of battery operated portable equip-
ment. The ADSP-2181 is available in 128-lead TQFP and 128-
lead PQFP packages.
In addition, the ADSP-2181 supports new instructions, which
include bit manipulations—bit set, bit clear, bit toggle, bit test—
new ALU constants, new multiplication instruction (x squared),
biased rounding, result free ALU operations, I/O memory trans-
fers and global interrupt masking for increased flexibility.
Fabricated in a high speed, double metal, low power, CMOS
process, the ADSP-2181 operates with a 25 ns instruction cycle
time. Every instruction can execute in a single processor cycle.
The ADSP-2181’s flexible architecture and comprehensive
instruction set allow the processor to perform multiple opera-
tions in parallel. In one processor cycle the ADSP-2181 can:
• Generate the next program address
• Fetch the next instruction
• Perform one or two data moves
• Update one or two data address pointers
• Perform a computational operation
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998


Similar Part No. - ADSP2181

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP21835WCBPZ10RL AD-ADSP21835WCBPZ10RL Datasheet
3Mb / 124P
High Performance SHARC-FX DSP Core High Performance SHARC-FX DSP Core
August 2025 Rev. A
ADSP21837WCBPZ10RL AD-ADSP21837WCBPZ10RL Datasheet
3Mb / 124P
High Performance SHARC-FX DSP Core High Performance SHARC-FX DSP Core
August 2025 Rev. A
ADSP2184 AD-ADSP2184 Datasheet
213Kb / 31P
DSP Microcomputer
REV.0
ADSP2185 AD-ADSP2185 Datasheet
289Kb / 32P
DSP Microcomputer
REV.0
ADSP2186 AD-ADSP2186 Datasheet
293Kb / 32P
DSP Microcomputer
REV.0
More results

Similar Description - ADSP2181

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
DSP Microcomputer
REV.C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
DSP Microcomputer
REV.0
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
DSP Microcomputer
REV.0
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
DSP Microcomputer
REV. 0
ADSP-21065LKSZ-240 AD-ADSP-21065LKSZ-240 Datasheet
588Kb / 44P
DSP Microcomputer
REV. C
ADSP-2184NKSTZ-320 AD-ADSP-2184NKSTZ-320 Datasheet
1Mb / 48P
DSP Microcomputer
REV. A
ADSP-2185NKSTZ-320 AD-ADSP-2185NKSTZ-320 Datasheet
1Mb / 48P
DSP Microcomputer
REV. A
ADSP-2187LBSTZ-210 AD-ADSP-2187LBSTZ-210 Datasheet
630Kb / 48P
DSP Microcomputer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com