Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2181 Datasheet(PDF) 19 Page - Analog Devices

Part # ADSP2181
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADSP2181 Datasheet HTML 15Page - Analog Devices ADSP2181 Datasheet HTML 16Page - Analog Devices ADSP2181 Datasheet HTML 17Page - Analog Devices ADSP2181 Datasheet HTML 18Page - Analog Devices ADSP2181 Datasheet HTML 19Page - Analog Devices ADSP2181 Datasheet HTML 20Page - Analog Devices ADSP2181 Datasheet HTML 21Page - Analog Devices ADSP2181 Datasheet HTML 22Page - Analog Devices ADSP2181 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ADSP-2181
–19–
REV. D
Parameter
Min
Max
Unit
Serial Ports
Timing Requirements:
tSCK
SCLK Period
50
ns
tSCS
DR/TFS/RFS Setup before SCLK Low
4
ns
tSCH
DR/TFS/RFS Hold after SCLK Low
7
ns
tSCP
SCLKIN Width
20
ns
Switching Characteristics:
tCC
CLKOUT High to SCLKOUT
0.25tCK
0.25tCK + 10
ns
tSCDE
SCLK High to DT Enable
0
ns
tSCDV
SCLK High to DT Valid
15
ns
tRH
TFS/RFSOUT Hold after SCLK High
0
ns
tRD
TFS/RFSOUT Delay from SCLK High
15
ns
tSCDH
DT Hold after SCLK High
0
ns
tTDE
TFS (Alt) to DT Enable
0
ns
tTDV
TFS (Alt) to DT Valid
14
ns
tSCDD
SCLK High to DT Disable
15
ns
tRDV
RFS (Multichannel, Frame Delay Zero) to DT Valid
15
ns
CLKOUT
SCLK
TFSOUT
RFSOUT
DT
ALTERNATE
FRAME MODE
tCC
tCC
tSCS
tSCH
tRH
tSCDE
tSCDH
tSCDD
tTDE
tRDV
MULTICHANNEL MODE,
FRAME DELAY 0
(MFD = 0)
DR
TFSIN
RFSIN
RFSOUT
TFSOUT
tTDV
tSCDV
tRD
tSCP
tSCK
tSCP
TFSIN
RFSIN
ALTERNATE
FRAME MODE
tRDV
MULTICHANNEL MODE,
FRAME DELAY 0
(MFD = 0)
tTDV
tTDE
Figure 13. Serial Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com