Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2181 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP2181
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 3 Page - Analog Devices

  ADSP2181 Datasheet HTML 1Page - Analog Devices ADSP2181 Datasheet HTML 2Page - Analog Devices ADSP2181 Datasheet HTML 3Page - Analog Devices ADSP2181 Datasheet HTML 4Page - Analog Devices ADSP2181 Datasheet HTML 5Page - Analog Devices ADSP2181 Datasheet HTML 6Page - Analog Devices ADSP2181 Datasheet HTML 7Page - Analog Devices ADSP2181 Datasheet HTML 8Page - Analog Devices ADSP2181 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADSP-2181
–3–
REV. D
ADSP-2181 can fetch an operand from program memory and
the next instruction in the same cycle.
In addition to the address and data bus for external memory
connection, the ADSP-2181 has a 16-bit Internal DMA port
(IDMA port) for connection to external systems. The IDMA
port is made up of 16 data/address pins and five control pins.
The IDMA port provides transparent, direct access to the DSPs
on-chip program and data RAM.
An interface to low cost byte-wide memory is provided by the
Byte DMA port (BDMA port). The BDMA port is bidirectional
and can directly address up to four megabytes of external RAM
or ROM for off-chip storage of program overlays or data tables.
The byte memory and I/O memory space interface supports slow
memories and I/O memory-mapped peripherals with program-
mable wait state generation. External devices can gain control of
external buses with bus request/grant signals (
BR, BGH and BG).
One execution mode (Go Mode) allows the ADSP-2181 to con-
tinue running from on-chip memory. Normal execution mode
requires the processor to halt while buses are granted.
The ADSP-2181 can respond to 13 possible interrupts, eleven
of which are accessible at any given time. There can be up to six
external interrupts (one edge-sensitive, two level-sensitive and
three configurable) and seven internal interrupts generated by
the timer, the serial ports (SPORTs), the Byte DMA port and
the power-down circuitry. There is also a master
RESET signal.
The two serial ports provide a complete synchronous serial inter-
face with optional companding in hardware and a wide variety of
framed or frameless data transmit and receive modes of operation.
Each port can generate an internal programmable serial clock or
accept an external serial clock.
The ADSP-2181 provides up to 13 general-purpose flag pins.
The data input and output pins on SPORT1 can be alternatively
configured as an input flag and an output flag. In addition, there
are eight flags that are programmable as inputs or outputs and
three flags that are always outputs.
A programmable interval timer generates periodic interrupts. A
16-bit count register (TCOUNT) is decremented every n pro-
cessor cycles, where n is a scaling value stored in an 8-bit regis-
ter (TSCALE). When the value of the count register reaches
zero, an interrupt is generated and the count register is reloaded
from a 16-bit period register (TPERIOD).
Serial Ports
The ADSP-2181 incorporates two complete synchronous serial
ports (SPORT0 and SPORT1) for serial communications and
multiprocessor communication.
Here is a brief list of the capabilities of the ADSP-2181 SPORTs.
Refer to the ADSP-2100 Family User’s Manual, Third Edition for
further details.
• SPORTs are bidirectional and have a separate, double-
buffered transmit and receive section.
• SPORTs can use an external serial clock or generate their
own serial clock internally.
• SPORTs have independent framing for the receive and trans-
mit sections. Sections run in a frameless mode or with frame
synchronization signals internally or externally generated.
Frame sync signals are active high or inverted, with either of
two pulsewidths and timings.
OUTPUT REGS
ALU
OUTPUT REGS
MAC
TIMER
INPUT REGS
INPUT REGS
ADSP-2181 INTEGRATION
DATA
ADDRESS
GENERATOR
#1
DATA
ADDRESS
GENERATOR
#2
21xx CORE
PMA BUS
DMA BUS
PMD BUS
INSTRUCTION
REGISTER
PROGRAM
SEQUENCER
BUS
EXCHANGE
DMD BUS
PROGRAM
SRAM
16K
24
DATA
SRAM
16K
16
BYTE
DMA
CONTROLLER
MUX
14
14
24
16
DMD
BUS
PMA BUS
DMA BUS
PMD BUS
INPUT REGS
SHIFTER
OUTPUT REGS
INPUT REGS
MAC
OUTPUT REGS
INPUT REGS
ALU
OUTPUT REGS
R BUS
16
TRANSMIT REG
RECEIVE REG
SERIAL
PORT 0
TRANSMIT REG
RECEIVE REG
SERIAL
PORT 0
COMPANDING
CIRCUITRY
5
5
INTERNAL
DMA
PORT
INTERRUPTS
POWER-
DOWN
CONTROL
LOGIC
2
8
3
MUX
PROGRAMMABLE
I/O
FLAGS
14
EXTERNAL
ADDRESS
BUS
EXTERNAL
DATA
BUS
16
4
24
Figure 1. ADSP-2181 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com