Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2181 Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP2181
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP2181 Datasheet HTML 9Page - Analog Devices ADSP2181 Datasheet HTML 10Page - Analog Devices ADSP2181 Datasheet HTML 11Page - Analog Devices ADSP2181 Datasheet HTML 12Page - Analog Devices ADSP2181 Datasheet HTML 13Page - Analog Devices ADSP2181 Datasheet HTML 14Page - Analog Devices ADSP2181 Datasheet HTML 15Page - Analog Devices ADSP2181 Datasheet HTML 16Page - Analog Devices ADSP2181 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADSP-2181
–13–
REV. D
ESD SENSITIVITY
The ADSP-2181 is an ESD (electrostatic discharge) sensitive device. Electrostatic charges readily
accumulate on the human body and equipment and can discharge without detection. Permanent
damage may occur to devices subjected to high energy electrostatic discharges.
The ADSP-2181 features proprietary ESD protection circuitry to dissipate high energy discharges
(Human Body Model). Per method 3015 of MIL-STD-883, the ADSP-2181 has been classified as
a Class 1 device.
Proper ESD precautions are recommended to avoid performance degradation or loss of function-
ality. Unused devices must be stored in conductive foam or shunts, and the foam should be
discharged to the destination before devices are removed.
TIMING PARAMETERS
GENERAL NOTES
Use the exact timing information given. Do not attempt to
derive parameters from the addition or subtraction of others.
While addition or subtraction would yield meaningful results for
an individual device, the values given in this data sheet reflect
statistical variations and worst cases. Consequently, you cannot
meaningfully add up parameters to derive longer times.
TIMING NOTES
Switching Characteristics specify how the processor changes its
signals. You have no control over this timing—circuitry external
to the processor must be designed for compatibility with these
signal characteristics. Switching characteristics tell you what the
processor will do in a given circumstance. You can also use switch-
ing characteristics to ensure that any timing requirement of a
device connected to the processor (such as memory) is satisfied.
Timing Requirements apply to signals that are controlled by cir-
cuitry external to the processor, such as the data input for a read
operation. Timing requirements guarantee that the processor
operates correctly with other devices.
MEMORY TIMING SPECIFICATIONS
The table below shows common memory device specifications
and the corresponding ADSP-2181 timing parameters, for your
convenience.
Memory
ADSP-2181 Timing
Device
Timing
Parameter
Specification
Parameter
Definition
Address Setup to
tASW
A0–A13,
xMS Setup before
Write Start
WR Low
Address Setup to
tAW
A0–A13,
xMS Setup before
Write End
WR Deasserted
Address Hold Time
tWRA
A0–A13,
xMS Hold after
WR Deasserted
Data Setup Time
tDW
Data Setup before
WR
High
Data Hold Time
tDH
Data Hold after
WR High
OE to Data Valid
tRDD
RD Low to Data Valid
Address Access Time tAA
A0–A13,
xMS to Data Valid
xMS = PMS, DMS, BMS, CMS, IOMS.
FREQUENCY DEPENDENCY FOR TIMING
SPECIFICATIONS
tCK is defined as 0.5tCKI. The ADSP-2181 uses an input clock
with a frequency equal to half the instruction rate: a 16.67 MHz
input clock (which is equivalent to 60 ns) yields a 30 ns proces-
sor cycle (equivalent to 33 MHz). tCK values within the range of
0.5tCKI period should be substituted for all relevant timing pa-
rameters to obtain the specification value.
Example: tCKH = 0.5tCK – 7 ns = 0.5 (25 ns) – 7 ns = 8 ns
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range (Ambient) . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (5 sec) TQFP . . . . . . . . . . . . . . . . +280
°C
Lead Temperature (5 sec) PQFP . . . . . . . . . . . . . . . . . +280
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only; functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com