Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2181 Datasheet(PDF) 32 Page - Analog Devices

Part # ADSP2181
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADSP2181 Datasheet HTML 24Page - Analog Devices ADSP2181 Datasheet HTML 25Page - Analog Devices ADSP2181 Datasheet HTML 26Page - Analog Devices ADSP2181 Datasheet HTML 27Page - Analog Devices ADSP2181 Datasheet HTML 28Page - Analog Devices ADSP2181 Datasheet HTML 29Page - Analog Devices ADSP2181 Datasheet HTML 30Page - Analog Devices ADSP2181 Datasheet HTML 31Page - Analog Devices ADSP2181 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
REV. D
ADSP-2181
–32–
ORDERING GUIDE
Ambient
Instruction
Temperature
Rate
Package
Package
Part Number
Range
(MHz)
Description
Options*
ADSP-2181KST-115
0
°C to +70°C
28.8
128-Lead TQFP
ST-128
ADSP-2181BST-115
–40
°C to +85°C
28.8
128-Lead TQFP
ST-128
ADSP-2181KS-115
0
°C to +70°C
28.8
128-Lead PQFP
S-128
ADSP-2181BS-115
–40
°C to +85°C
28.8
128-Lead PQFP
S-128
ADSP-2181KST-133
0
°C to +70°C
33.3
128-Lead TQFP
ST-128
ADSP-2181BST-133
–40
°C to +85°C
33.3
128-Lead TQFP
ST-128
ADSP-2181KS-133
0
°C to +70°C
33.3
128-Lead PQFP
S-128
ADSP-2181BS-133
–40
°C to +85°C
33.3
128-Lead PQFP
S-128
ADSP-2181KST-160
0
°C to +70°C
40
128-Lead TQFP
ST-128
ADSP-2181KS-160
0
°C to +70°C
40
128-Lead PQFP
S-128
*S = Plastic Quad Flatpack (PQFP), ST = Plastic Thin Quad Flatpack (TQFP).
OUTLINE DIMENSIONS
Dimensions shown in mm and (inches).
128-Lead Metric Plastic Quad Flatpack (PQFP)
(S-128)
1
32
33
102
128
103
65
64
TOP VIEW
(PINS DOWN)
0.45 (0.018)
0.30 (0.012)
0.87 (0.034)
0.73 (0.029)
31.45 (1.238)
30.95 (1.219)
28.10 (1.106)
27.90 (1.098)
24.87 (0.979)
24.73 (0.974)
SEATING
PLANE
4.07
(0.160)
MAX
1.03 (0.041)
0.65 (0.031)
0.10 (0.004)
MAX
0.25 (0.010)
MIN
3.67 (0.144)
3.17 (0.125)
NOTE: THE ACTUAL POSITION OF EACH LEAD IS
WITHIN .20 (.008) FROM ITS IDEAL POSITION
WHEN MEASURED IN THE LATERAL DIRECTION.
UNLESS OTHERWISE NOTED.
128-Lead Metric Thin Plastic Quad Flatpack (TQFP)
(ST-128)
TOP VIEW
(PINS DOWN)
0.27 (0.011)
0.17 (0.007)
16.25 (0.640)
15.75 (0.620)
14.10 (0.555)
13.90 (0.547)
1
38
39
65
64
102
128
12.50 (0.492) TYP
0.58 (0.023)
0.42 (0.017)
103
SEATING
PLANE
1.60 (0.063)
TYP
0.75 (0.030)
0.45 (0.018)
0.10
(0.004)
MAX
1.50 (0.059)
1.30 (0.051)
0.15 (0.006)
0.05 (0.002)
NOTE: THE ACTUAL POSITION OF EACH LEAD IS
WITHIN .08 (.0032) FROM ITS IDEAL POSITION
WHEN MEASURED IN THE LATERAL DIRECTION.
UNLESS OTHERWISE NOTED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com