Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2181 Datasheet(PDF) 15 Page - Analog Devices

Part # ADSP2181
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADSP2181 Datasheet HTML 11Page - Analog Devices ADSP2181 Datasheet HTML 12Page - Analog Devices ADSP2181 Datasheet HTML 13Page - Analog Devices ADSP2181 Datasheet HTML 14Page - Analog Devices ADSP2181 Datasheet HTML 15Page - Analog Devices ADSP2181 Datasheet HTML 16Page - Analog Devices ADSP2181 Datasheet HTML 17Page - Analog Devices ADSP2181 Datasheet HTML 18Page - Analog Devices ADSP2181 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
ADSP-2181
–15–
REV. D
Parameter
Min
Max
Unit
Interrupts and Flag
Timing Requirements:
tIFS
IRQx, FI, or PFx Setup before CLKOUT Low1, 2, 3, 4
0.25tCK + 15
ns
tIFH
IRQx, FI, or PFx Hold after CLKOUT High1, 2, 3, 4
0.25tCK
ns
Switching Characteristics:
tFOH
Flag Output Hold after CLKOUT Low
5
0.5tCK – 7
ns
tFOD
Flag Output Delay from CLKOUT Low
5
0.5tCK + 5
ns
NOTES
1If
IRQx and FI inputs meet t
IFS and tIFH setup/hold requirements, they will be recognized during the current clock cycle; otherwise the signals will be recognized on
the following cycle. (Refer to “Interrupt Controller Operation” in the Program Control chapter of the User’s Manual for further information on interrupt servicing.)
2Edge-sensitive interrupts require pulsewidths greater than 10 ns; level-sensitive interrupts must be held low until serviced.
3
IRQx = IRQ0, IRQ1, IRQ2, IRQL0, IRQL1, IRQE.
4PFx = PF0, PF1, PF2, PF3, PF4, PF5, PF6, PF7.
5Flag outputs = PFx, FL0, FL1, FL2, Flag_out4.
tFOD
tFOH
tIFH
tIFS
CLKOUT
FLAG
OUTPUTS
IRQx
FI
PFx
Figure 9. Interrupts and Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com