Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2181 Datasheet(PDF) 14 Page - Analog Devices

Part # ADSP2181
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADSP2181 Datasheet HTML 10Page - Analog Devices ADSP2181 Datasheet HTML 11Page - Analog Devices ADSP2181 Datasheet HTML 12Page - Analog Devices ADSP2181 Datasheet HTML 13Page - Analog Devices ADSP2181 Datasheet HTML 14Page - Analog Devices ADSP2181 Datasheet HTML 15Page - Analog Devices ADSP2181 Datasheet HTML 16Page - Analog Devices ADSP2181 Datasheet HTML 17Page - Analog Devices ADSP2181 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
REV. D
ADSP-2181
–14–
Parameter
Min
Max
Unit
Clock Signals and Reset
Timing Requirements:
tCKI
CLKIN Period
50
150
ns
tCKIL
CLKIN Width Low
20
ns
tCKIH
CLKIN Width High
20
ns
Switching Characteristics:
tCKL
CLKOUT Width Low
0.5tCK – 7
ns
tCKH
CLKOUT Width High
0.5tCK – 7
ns
tCKOH
CLKIN High to CLKOUT High
0
20
ns
Control Signals
Timing Requirement:
tRSP
RESET Width Low
5tCK
1
ns
NOTE
1Applies after power-up sequence is complete. Internal phase lock loop requires no more than 2000 CLKIN cycles assuming stable CLKIN (not including crystal
oscillator start-up time).
tCKOH
tCKI
tCKIH
tCKIL
tCKH
tCKL
tMH
tMS
CLKIN
CLKOUT
PF(2:0)
*
RESET
*PF2 IS MODE C, PF1 IS MODE B, PF0 IS MODE A
Figure 8. Clock Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com