Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2181 Datasheet(PDF) 16 Page - Analog Devices

Part # ADSP2181
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADSP2181 Datasheet HTML 12Page - Analog Devices ADSP2181 Datasheet HTML 13Page - Analog Devices ADSP2181 Datasheet HTML 14Page - Analog Devices ADSP2181 Datasheet HTML 15Page - Analog Devices ADSP2181 Datasheet HTML 16Page - Analog Devices ADSP2181 Datasheet HTML 17Page - Analog Devices ADSP2181 Datasheet HTML 18Page - Analog Devices ADSP2181 Datasheet HTML 19Page - Analog Devices ADSP2181 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
REV. D
ADSP-2181
–16–
Parameter
Min
Max
Unit
Bus Request/Grant
Timing Requirements:
tBH
BR Hold after CLKOUT High1
0.25tCK + 2
ns
tBS
BR Setup before CLKOUT Low1
0.25tCK + 17
ns
Switching Characteristics:
tSD
CLKOUT High to
xMS,
0.25tCK + 10
ns
RD, WR Disable
tSDB
xMS, RD, WR
Disable to
BG Low
0
ns
tSE
BG High to xMS,
RD, WR Enable
0
ns
tSEC
xMS, RD, WR
Enable to CLKOUT High
0.25tCK – 4
ns
tSDBH
xMS, RD, WR
Disable to
BGH Low2
0ns
tSEH
BGH High to xMS,
RD, WR Enable2
0ns
NOTES
xMS = PMS, DMS, CMS, IOMS, BMS.
1
BR is an asynchronous signal. If BR meets the setup/hold requirements, it will be recognized during the current clock cycle; otherwise the signal will be recognized on
the following cycle. Refer to the ADSP-2100 Family User’s Manual, Third Edition for
BR/BG cycle relationships.
2
BGH is asserted when the bus is granted and the processor requires control of the bus to continue.
CLKOUT
tSD
tSDB
tSE
tSEC
tSDBH
tSEH
tBS
BR
tBH
CLKOUT
PMS, DMS
BMS, RD
WR
BG
BGH
Figure 10. Bus Request–Bus Grant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com