Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2181 Datasheet(PDF) 25 Page - Analog Devices

Part # ADSP2181
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADSP2181 Datasheet HTML 21Page - Analog Devices ADSP2181 Datasheet HTML 22Page - Analog Devices ADSP2181 Datasheet HTML 23Page - Analog Devices ADSP2181 Datasheet HTML 24Page - Analog Devices ADSP2181 Datasheet HTML 25Page - Analog Devices ADSP2181 Datasheet HTML 26Page - Analog Devices ADSP2181 Datasheet HTML 27Page - Analog Devices ADSP2181 Datasheet HTML 28Page - Analog Devices ADSP2181 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADSP-2181
–25–
REV. D
OUTPUT DRIVE CURRENTS
Figure 19 shows typical I-V characteristics for the output drivers
of the ADSP-2181. The curves represent the current drive
capability of the output drivers as a function of output voltage.
SOURCE VOLTAGE – Volts
120
–80
01
6
23
45
100
0
–20
–40
–60
80
60
20
40
5.5V, –40 C
5.0V, +25 C
4.5V, +85 C
4.5V, +85 C
5.0V, +25 C
5.5V, –40 C
Figure 19. Typical Drive Currents
POWER DISSIPATION
To determine total power dissipation in a specific application,
the following equation should be applied for each output:
C
× V
DD
2
× f
C = load capacitance, f = output switching frequency.
Example:
In an application where external data memory is used and no
other outputs are active, power dissipation is calculated as
follows:
Assumptions:
• External data memory is accessed every cycle with 50% of the
address pins switching.
• External data memory writes occur every other cycle with
50% of the data pins switching.
• Each address and data pin has a 10 pF total load at the pin.
• The application operates at V
DD = 5.0 V and tCK = 30 ns.
Total Power Dissipation = PINT + (C
× V
DD
2
× f )
PINT = internal power dissipation from Power vs. Frequency
graph (Figure 20).
TEMPERATURE –
°C
1000
1
100
10
585
15
25
35
45
55
65
75
–5
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
NOTES:
1. REFLECTS ADSP-2181 OPERATION IN LOWEST POWER MODE.
(SEE “SYSTEM INTERFACE" CHAPTER OF THE
ADSP-2100 FAMILY
USER'S MANUAL, THIRD EDITION, FOR DETAILS.)
2. CURRENT REFLECTS DEVICE OPERATING WITH NO OUTPUT LOADS.
Figure 20. Power-Down Supply Current (Typical)
(C
× V
DD
2
× f ) is calculated for each output:
# of
Pins
× C
× V
DD
2
× f
Address,
DMS
8
× 10 pF × 52 V × 33.3 MHz = 66.6 mW
Data Output,
WR 9
× 10 pF × 52 V × 16.67 MHz = 37.5 mW
RD
1
× 10 pF × 52 V × 16.67 MHz =
4.2 mW
CLKOUT
1
× 10 pF × 52 V × 33.3 MHz =
8.3 mW
116.6 mW
Total power dissipation for this example is PINT + 116.6 mW.
1/tCK – MHz
220
30
32
42
34
36
38
40
420
370
320
270
570
470
520
2181 POWER, INTERNAL1, 3, 4
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
410mW
325mW
250mW
550mW
425mW
330mW
28
1/tCK – MHz
100
40
30
32
42
34
36
38
40
70
60
50
90
80
30
POWER, IDLE1, 2, 3
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
77mW
60mW
45mW
95mW
75mW
54mW
28
1/tCK – MHz
80
30
30
32
42
34
36
38
40
75
50
45
40
35
70
65
55
60
POWER, IDLE
n MODES3
IDLE
IDLE (16)
IDLE (128)
60mW
35mW
34mW
39mW
37mW
75mW
28
VALID FOR ALL TEMPERATURE GRADES.
4IDD MEASUREMENT TAKEN WITH ALL INSTRUCTIONS EXECUTING FROM INTERNAL
MEMORY. 50% OF THE INSTRUCTIONS ARE MULTIFUNCTION (TYPES 1, 4, 5, 12, 13, 14),
30% ARE TYPE 2 AND TYPE 6 AND 20% ARE IDLE INSTRUCTIONS.
3TYPICAL POWER DISSIPATION AT 5.0V VDD AND 25 C EXCEPT WHERE SPECIFIED.
2IDLE REFERS TO ADSP-2181 STATE OF OPERATION DURING EXECUTION OF IDLE
1POWER REFLECTS DEVICE OPERATING WITH NO OUTPUT LOADS.
INSTRUCTION. DEASSERTED PINS ARE DRIVEN TO EITHER VDD OR GND.
Figure 21. Power vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com