Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 5 Page - Texas Instruments

  LM3565 Datasheet HTML 1Page - Texas Instruments LM3565 Datasheet HTML 2Page - Texas Instruments LM3565 Datasheet HTML 3Page - Texas Instruments LM3565 Datasheet HTML 4Page - Texas Instruments LM3565 Datasheet HTML 5Page - Texas Instruments LM3565 Datasheet HTML 6Page - Texas Instruments LM3565 Datasheet HTML 7Page - Texas Instruments LM3565 Datasheet HTML 8Page - Texas Instruments LM3565 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LM3565
www.ti.com
SNVS957 – JANUARY 2013
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA ≤ 85°C). Unless otherwise specified: 2.7V ≤ VIN ≤ 4.4V.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONTROL INTERFACE TIMING SPECIFICATIONS
TI2C-Start
I2C-Compatible Logic startup time
I2C/EN going high
250
500
µsec
fSCL
SCL clock frequency
400
kHz
tLOW
Low period of SCL clock
1.3
µsec
tHIGH
High period of SCL clock
0.6
µsec
tHD-STA
Hold time (repeated) START condition
0.6
µsec
tSU-STA
Setup time for a repeated START condition
0.6
µsec
tHD-DAT
Data hold time
0
µsec
tSU-DAT
Data setup time
100
nsec
tR
Rise time for SCL and SDA
300
nsec
tF
Fall time for SCL and SDA
300
nsec
tSU-STO
Setup time for stop condition
0.6
µsec
Bus free time between stop and start
tBUF
1.3
µsec
condition
tVD-DAT
Data valid time
0.9
µsec
tVD-ACK
Data valid acknowledge time
0.9
µsec
20+0.1x
CB
Capacitive load for each bus line
400
pF
CB
Copyright © 2013, Texas Instruments Incorporated
5
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com