Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3565 Datasheet HTML 15Page - Texas Instruments LM3565 Datasheet HTML 16Page - Texas Instruments LM3565 Datasheet HTML 17Page - Texas Instruments LM3565 Datasheet HTML 18Page - Texas Instruments LM3565 Datasheet HTML 19Page - Texas Instruments LM3565 Datasheet HTML 20Page - Texas Instruments LM3565 Datasheet HTML 21Page - Texas Instruments LM3565 Datasheet HTML 22Page - Texas Instruments LM3565 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
NA
NA
NA
AS0
FS3
FS2
FS1
FS0
Current Set Register
Address: 0x02
Default:
0
0
0
0
1
0
0
1
Definition:
RF3
RF2
RF1
RF0
DR3
DR2
DR1
DR0
Version Control Register
Address: 0x01
Default:
0
0
0
0
0
1
1
0
Definition:
MN3 MN2 MN1 MN0 MO3 MO2 MO1 MO0
Design Information Register
Address: 0x00
Default:
0
0
1
1
0
1
0
0
Definition:
LM3565
www.ti.com
SNVS957 – JANUARY 2013
Register Definitions (bold table values = default register settings)
MN3–MN0: Manufacturer ID = 0011
MO3–MO0: Model ID = 0100
RF3–RF0: Unused
DR3–DR0: Design Revision = 0110
AS0: Assist Current Level Bit. '0' = 60 mA, '1' = 90 mA
FS3-FS0: Flash Set Current bits. Refer to Table 2 for details.
Table 2. Flash Currents
Flash
FS3
FS2
FS1
FS0
Current
Level
0
0
0
0
480 mA
0
0
0
510 mA
0
0
1
0
540 mA
0
0
1
1
570 mA
0
1
0
0
600 mA
0
1
0
1
630 mA
0
1
1
0
660 mA
0
1
1
1
690 mA
1
0
0
0
720 mA
1
0
0
1
750 mA
1
0
1
0
780 mA
1
0
1
1
810 mA
1
1
0
0
840 mA
1
1
0
1
870 mA
1
1
1
0
900 mA
1
1
1
1
930 mA
Copyright © 2013, Texas Instruments Incorporated
19
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com