Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3565 Datasheet HTML 14Page - Texas Instruments LM3565 Datasheet HTML 15Page - Texas Instruments LM3565 Datasheet HTML 16Page - Texas Instruments LM3565 Datasheet HTML 17Page - Texas Instruments LM3565 Datasheet HTML 18Page - Texas Instruments LM3565 Datasheet HTML 19Page - Texas Instruments LM3565 Datasheet HTML 20Page - Texas Instruments LM3565 Datasheet HTML 21Page - Texas Instruments LM3565 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
0
0
0
1
1
0
0
I
2
C Slave Address (chip address)
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
Id = 0x30
w
ack
addr = 0x07
ack
ack
data = 0x0B
stop
LM3565
SNVS957 – JANUARY 2013
www.ti.com
NOTE: w = write (SDA = "0"), ack = acknowledge (SDA pulled down by the slave), id = chip address, 30h for LM3565
Figure 50. Write Cycle
I2C-Compatible Chip Address
The chip address for LM3565 is 0110000, or 30hex.
Internal Registers of LM3565
Table 1. Summary of LM3565 Registers
REGISTER
INTERNAL HEX ADDRESS
POWER ON VALUE
Design Information Register
0x00
0011 0100
Version Control Register
0x01
0000 0110
Current Set Register
0x02
0000 1001
TX-Mask Register
0x03
0111 1011
Low Voltage Control Register
0x04
0100 0100
Timing Control Register
0x05
0010 0011
Strobe Signaling Register
0x06
1100 1000
Output Mode Register
0x07
0000 0000
Fault and Info Register
0x08
0000 0000
ADC Control Register
0x09
0000 0000
Input Voltage ADC Register
0x0A
0000 0000
LED Voltage ADC Register
0x0B
0000 0000
18
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com