Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3565 Datasheet HTML 12Page - Texas Instruments LM3565 Datasheet HTML 13Page - Texas Instruments LM3565 Datasheet HTML 14Page - Texas Instruments LM3565 Datasheet HTML 15Page - Texas Instruments LM3565 Datasheet HTML 16Page - Texas Instruments LM3565 Datasheet HTML 17Page - Texas Instruments LM3565 Datasheet HTML 18Page - Texas Instruments LM3565 Datasheet HTML 19Page - Texas Instruments LM3565 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Shutdown
External
Torch
Standby
Output On
Strobe
Flash
I2C Flash
External
Torch
Assist Light
LM3565
SNVS957 – JANUARY 2013
www.ti.com
In assist mode, by setting the PWM bit in the Strobe signaling register (PWM in register 0x06) to a '1', and
toggling the Strobe pin high and low, the diode current will transition between the target assist current and 10
mA. When the Strobe pin is high ('1'), the assist current is equal to the target LED current. When the Strobe pin
is low ('0'), the assist current is equal to 10 mA. The diode current is always ramped up to 90 mA, then reduced
to 60 mA if the assist target current is set to 60 mA. The transition between the full-assist current and the 10 mA
current level is done in one step.
TORCH Pin
The Torch pin of the LM3565, depending on the state and configuration, allows the user to enable Torch/Assist
Mode without having to write the command through the I2C bus. In standby mode, the external torch mode bit
(ETEN bit in register 0x03) must be set to a '1' to allow an external torch (default value = '1'). The torch mode
current is equal to the Assist mode current level stored in register 0x02 (AS0 bit, default value = '0' or 60 mA). In
shutdown mode, driving the Torch pin high will enable the LM3565 and drive the flash LEDs at 60 mA.
TX-MASK Pin
The TX-Mask pin provides the RF PA a direct method to reduce the flash current by a predetermined value
stored in the TX-Mask register (0x03), to prevent a battery over-current fault. When the TX-Mask pin is set low,
the normal target current is realized. When the TX-Mask pin is set high, the flash current is reduced. The flash
current is not ramped during the transition from full-scale to the reduced level; the flash current is ramped when
transitioning back to the full-scale value from the reduced value. As in the Fflash PWM Mode, the lowest flash
current is set to 60 mA.
Fault Protections
The LM3565 has numerous internal fault protection mechanisms to help prevent damage to the LM3565 as well
as the system in the event of a fault. Most fault conditions will cause the LM3565 to enter Shutdown Mode and
will report a fault to the fault register (0x08) or (0x09). The faults that can be detected are as follows:
•
Over-Voltage Protection (VOUT)
•
Short-Circuit Protection (VOUT and VLED)
•
Over-Temperature Protection
•
Flash Time-Out
•
TX-Mask Event
•
Under-Voltage Lock-Out
•
Input Low Voltage Detect
•
Inductor Current Limit (not reported)
•
Output Capacitor Open Protection
Figure 47. Mode Diagram
16
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com