Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3565 Datasheet HTML 2Page - Texas Instruments LM3565 Datasheet HTML 3Page - Texas Instruments LM3565 Datasheet HTML 4Page - Texas Instruments LM3565 Datasheet HTML 5Page - Texas Instruments LM3565 Datasheet HTML 6Page - Texas Instruments LM3565 Datasheet HTML 7Page - Texas Instruments LM3565 Datasheet HTML 8Page - Texas Instruments LM3565 Datasheet HTML 9Page - Texas Instruments LM3565 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
65
70
75
80
85
90
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
0.90
0.91
0.92
0.93
0.94
0.95
0.96
0.97
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
0.90
0.91
0.92
0.93
0.94
0.95
0.96
0.97
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
0.73
0.74
0.75
0.76
0.77
0.78
VIN(V)
+25°C
-30°C
+85°C
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0.4
0.5
0.6
0.7
0.8
0.9
1.0
BRC ( #)
+25°C
-30°C
+85°C
LM3565
SNVS957 – JANUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN1= 10 µF, CIN2= 0.1 µF, COUT1 = 10 µF, COUT2 = 10 µF, L = 1 µH.
Figure 1. Flash Current vs Brightness Code
Figure 2. 750mA Flash LED Current vs Input Voltage
Figure 3. 930mA Flash LED Current vs Input Voltage
Figure 4. LED Efficiency vs Input Voltage at 750mA
Figure 5. LED Efficiency vs Input Voltage at 930mA
Figure 6. Input Current vs Input Voltage at 750mA
6
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com