Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3565 Datasheet HTML 25Page - Texas Instruments LM3565 Datasheet HTML 26Page - Texas Instruments LM3565 Datasheet HTML 27Page - Texas Instruments LM3565 Datasheet HTML 28Page - Texas Instruments LM3565 Datasheet HTML 29Page - Texas Instruments LM3565 Datasheet HTML 30Page - Texas Instruments LM3565 Datasheet HTML 31Page - Texas Instruments LM3565 Datasheet HTML 32Page - Texas Instruments LM3565 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
'IL =
where
VIN u
VOUT - VIN
(
)
2
u fSW u L u VOUT
VOUT
VIN
+ 'IL
u
ILOAD
K
IPEAK =
LM3565
www.ti.com
SNVS957 – JANUARY 2013
Input Low Voltage Flag (ILV)
The LM3565 has an Input Low Voltage (ILV) detection mechanism that sets the ILV flag (bit1 in address 0x08)
when this feature is enabled (LVEN = 1, bit6 in address 0x04) and the input voltage is below the threshold set in
the Low Voltage Control Register (LVL2-LVL0 in address 0x04). The input voltage is only monitored before the
start of a flash event. This is a reporting flag bit and not a fault bit. The ILV flag bit does not halt or reset the
LM3565.
TX-Mask Flag (TXM)
The LM3565 has a Transmit Interrupt flag bit (TXM, bit 3 in address 0x08) that gets set if the TX-Mask feature is
enabled (TXEN = 1, bit7 in address 0x03) and if the TX-Mask pin is high, indicating a TX-Mask event. This is a
reporting flag bit and not a fault bit. The TXM flag bit does not halt or reset the LM3565.
Table 9. Application Circuit Components List
Component
Manufacturer
Value
Part Number
Current/Voltage Rating (Resistance)
L
Toko
1µH
1239AS-H-1R0N
ISAT = 3A (59 mΩ)
COUT1, COUT2
Murata
10 µF
GRM21BR61C106KE15
16 V
CIN1
Murata
10 µF
GRM188R60J106ME47
6.3 V
CIN2
Murata
0.1 µF
GRM155R71C104KA88
16 V
Inductor Current Limit
To prevent damage to the LM3565's inductor and to limit the power drawn by the LM3565 during a flash event,
an Inductor Current Limit circuit is present. The LM3565 monitors the current through the inductor during the
charge phase of the boost cycle. In the event that the inductor current reaches the current limit, the NFET of the
converter will terminate the charge phase for that cycle. The process will repeat itself until the flash event has
ended or until the input voltage increases to the point where the peak current is no longer reached. Hitting the
peak inductor current limit will not disable the part. It will however limit the output power delivery to the LEDs.
The inductor current limit can be set to 2.3A, 2.6A (default), 2.9A or 3.3A depending on the values of the ICL1
and ICL0 bits in the TX-Masking Register (Address 0x03). The peak inductor current limit value can be used to
help size the inductor to the appropriate saturation current level. For more information on inductor sizing, refer to
the INDUCTOR SELECTION section of this datasheet.
Inductor Selection
The LM3565 is designed to use a 1µH inductor. When the device is boosting (VOUT > VIN) the inductor is one of
the biggest sources of efficiency loss in the circuit. Therefore, choosing an inductor with the lowest possible
series resistance is important. Additionally, the saturation rating of the inductor should be greater than the
maximum operating peak current of the LM3565. This prevents excess efficiency loss that can occur with
inductors that operate in saturation and prevents over-heating of the inductor and possible damage. For proper
inductor operation and circuit performance ensure that the inductor saturation and the peak current limit setting of
the LM3565 (2.3A, 2.6A (default), 2.9A or 3.3A) is greater than IPEAK. IPEAK can be calculated by:
Copyright © 2013, Texas Instruments Incorporated
29
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com