Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3565 Datasheet HTML 24Page - Texas Instruments LM3565 Datasheet HTML 25Page - Texas Instruments LM3565 Datasheet HTML 26Page - Texas Instruments LM3565 Datasheet HTML 27Page - Texas Instruments LM3565 Datasheet HTML 28Page - Texas Instruments LM3565 Datasheet HTML 29Page - Texas Instruments LM3565 Datasheet HTML 30Page - Texas Instruments LM3565 Datasheet HTML 31Page - Texas Instruments LM3565 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
LM3565
SNVS957 – JANUARY 2013
www.ti.com
Fault Protections
The LM3565 has a number of fault protection mechanisms designed to not only protect the LM3565 itself, but
also to reset the system. Active fault protections include:
•
Over-Voltage Protection (VOUT)
•
Short-Circuit Protection (VOUT and VLED)
•
Over-Temperature Protection
•
Flash Time-Out
•
Under-Voltage Lock-Out (UVLO)
•
Output Capacitor Open Protection
In the event that any of these faults occur, the LM3565 will set a flag in the appropriate Fault Register (Address
0x08 or 0x09) and place the part into standby. Normal operation cannot resume until the fault has been fixed and
an I2C read of the fault register (0x08 and/or 0x09) has been completed. All faults are cleared upon reading the
Fault Registers (0x08 and 0x09).
Output Over-Voltage Protection (OVP)
An OVP fault is triggered when the output voltage of the LM3565 reaches a value greater than 9.5V (typ). The
OVP condition is cleared when the output voltage (VOUT) is able to operate below 9.5V. An output capacitor or an
LED that have become an open circuit can cause an OVP event to occur. This fault is reported to the OVP fault
bit in the Fault Register (bit7 in address 0x05).
Output and LED Short Circuit Protection (SC)
An SC fault is triggered when the output voltage (VOUT) and/or the LED voltage (VLED) does not reach 0.8V in
0.5 ms. The short circuit condition is cleared when the output (VOUT) is allowed to reach its steady state target
and when the LED voltage rises above 0.8V. A shorted output capacitor or a shorted LED could cause this fault
to occur. This fault is reported to the SC fault bit in the Fault Register (bit6 in address 0x08).
Over-Temperature Protection (OTP)
An OTP fault is triggered when the diode junction temperature of the LM3565 reaches an internal temperature of
around 150°C. The OTP condition is cleared when the junction temperature falls below 115°C and the fault
register is read. A printed circuit board (PCB) with poor thermal dissipation properties and very high ambient
temperatures (greater that 85°C) could cause this fault to occur. Refer to Texas Instruments Application Note:
AN-1112: DSBGA Wafer Level Chip Scale Package for more information regarding proper PCB layout. This fault
is reported to the OTP fault bit in the Fault Register (bit5 in address 0x08).
Flash Time-Out (TO)
The TO fault will be triggered whenever a flash is initiated with a level-sensitive Strobe event controlled by a
camera module and the Strobe pulse duration exceeds the selected Flash Time-out duration. This fault is
reported to the TO fault bit in the Fault Register (bit4 in address 0x08). This bit only gets set when PWM Mode is
disabled.
Under-Voltage Lock-Out (UVLO)
An Under-Voltage Lock-Out (UVLO) fault occurs when the input voltage at the LM3565 drops below 2.4V (typ).
When this fault occurs, the LM3565 will be forced into Standby Mode and the UVLO bit will be set to a '1'. To exit
a UVLO state, the input voltage to the LM3565 must increase by 100 mV (typ.) and the UVLO Fault bit must be
cleared. This fault is reported to the UVLO fault bit in the Fault Register (bit0 in address 0x08).
Output Capacitor Open Protection (CO)
An Output Capacitor Open fault is triggered when the LM3565 detects that the capacitance at the VOUT pin has
dropped below the acceptable value (typically 0.1 µF). This fault indicates that the output capacitors are either
disconnected or damaged and is reported to the Output Capacitor fault bit in the ADC Control Register (bit4 in
address 0x09). Once an Output Capacitor Open fault is detected, the State Machine Reset bit (LVRS) in the Low
Voltage Control register (0x04) has to bo toggled between a '1' and a '0' in order for normal operation to resume.
28
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com