Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3565 Datasheet HTML 5Page - Texas Instruments LM3565 Datasheet HTML 6Page - Texas Instruments LM3565 Datasheet HTML 7Page - Texas Instruments LM3565 Datasheet HTML 8Page - Texas Instruments LM3565 Datasheet HTML 9Page - Texas Instruments LM3565 Datasheet HTML 10Page - Texas Instruments LM3565 Datasheet HTML 11Page - Texas Instruments LM3565 Datasheet HTML 12Page - Texas Instruments LM3565 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
0
32
64
96 128 160 192 224 256
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
CODE (D)
0
32
64
96 128 160 192 224 256
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
CODE (D)
0
32
64
96
128 160 192 224 256
0
1
2
3
4
5
6
7
8
CODE (D)
+25°C
-30°C
+85°C
0
32
64
96 128 160 192 224 256
20
23
26
29
32
35
38
41
44
47
50
CODE (D)
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
0.0
0.1
0.2
0.3
0.4
0.5
VIN(V)
+25°C
-30°C
+85°C
0
32
64
96 128 160 192 224 256
0
64
128
192
256
320
384
448
512
FTO (#)
LM3565
www.ti.com
SNVS957 – JANUARY 2013
TYPICAL CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN1= 10 µF, CIN2= 0.1 µF, COUT1 = 10 µF, COUT2 = 10 µF, L = 1 µH.
Figure 19. Standby/Shutdown Current vs Input Voltage
Figure 20. Flash Timeout vs Flash Timeout Code
Figure 21. ADC Linearity
Figure 22. ADC Step Size
Figure 23. ADC INL
Figure 24. ADC DNL
Copyright © 2013, Texas Instruments Incorporated
9
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com