Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 2 Page - Texas Instruments

  LM3565 Datasheet HTML 1Page - Texas Instruments LM3565 Datasheet HTML 2Page - Texas Instruments LM3565 Datasheet HTML 3Page - Texas Instruments LM3565 Datasheet HTML 4Page - Texas Instruments LM3565 Datasheet HTML 5Page - Texas Instruments LM3565 Datasheet HTML 6Page - Texas Instruments LM3565 Datasheet HTML 7Page - Texas Instruments LM3565 Datasheet HTML 8Page - Texas Instruments LM3565 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TOP VIEW
(BUMPS FACE DOWN)
A1
B1
C1
D1
A2
B2
C2
D2
A4
B4
C4
D4
A3
B3
C3
D3
BOTTOM VIEW
(BUMPS FACE UP)
A1
B1
C1
D1
A2
B2
C2
D2
A4
B4
C4
D4
A3
B3
C3
D3
PIN A1 LOCATION
LM3565
SNVS957 – JANUARY 2013
www.ti.com
CONNECTION DIAGRAM
PIN FUNCTIONS
PIN
INPUT/OUTPUT
DESCRIPTION
(I/O)
NO.
NAME
A1
PGND
Power GND.
A2
PGND
Power GND.
A3
VIN
I
Input voltage pin of the device. Connect input bypass capacitor very close to this pin.
A4
ENABLE
I
Chip Enable. High = Standby, Low = Shutdown.
B1
SW1
I
Inductor connection.
B2
SW2
I
Inductor connection.
B3
TORCH
I
Hardware Torch Enable Pin.
B4
TX-MASK
I
Hardware Transmit Interrupt Pin.
C1
VOUT1
O
Boost output. Connect output bypass capacitor very close to this pin.
C2
VOUT2
O
Boost output. Tie to VOUT1.
Strobe signal input pin to synchronize flash pulse in I2C-compatible mode. This signal
C3
STROBE
I
usually comes from the camera processor.
C4
SDA
I/O
Serial Data Pin for I2C-compatible Interface.
D1
LEDOUT1
I/O
LED Current Source Output.
D2
LEDOUT2
I/O
LED Current Source Output. Tie to LEDOUT1.
D3
AGND
A/D Ground Pin.
D4
SCL
I
Serial Clock Pin for I2C-compatible Interface.
2
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com