Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9508PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9508PCBZ Datasheet HTML 1Page - Analog Devices AD9508PCBZ Datasheet HTML 2Page - Analog Devices AD9508PCBZ Datasheet HTML 3Page - Analog Devices AD9508PCBZ Datasheet HTML 4Page - Analog Devices AD9508PCBZ Datasheet HTML 5Page - Analog Devices AD9508PCBZ Datasheet HTML 6Page - Analog Devices AD9508PCBZ Datasheet HTML 7Page - Analog Devices AD9508PCBZ Datasheet HTML 8Page - Analog Devices AD9508PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9508
Data Sheet
Rev. A | Page 4 of 40
CLOCK INPUTS AND OUTPUT DC SPECIFICATIONS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK INPUTS
Differential Mode
Input Frequency
0
1650
MHz
Differential input
Input Sensitivity
360
2200
mV p-p
As measured with a differential probe; jitter
performance improves with higher slew
rates (greater voltage swing)
Input Common-Mode Voltage
VICM
0.95
1.05
1.15
V
Input pins are internally self biased, which
enables ac coupling
Input Voltage Offset
30
mV
DC-Coupled Input Common-
Mode Range
VCMR
0.58
1.67
V
This is the allowable common-mode voltage
range when dc-coupled
Pulse Width
Low
303
ps
High
303
ps
Input Resistance (Differential)
5.0
7
9
kΩ
Input Capacitance
CIN
2
pF
Input Bias Current (Each Pin)
100
400
µA
Full input swing
CMOS CLOCK MODE (SINGLE-ENDED)
Input Frequency
250
MHz
Input Voltage
High
VIH
VDD/2 − 0.15
V
Low
VIL
VDD/2 + 0.15
V
Input Current
High
IINH
1
µA
Low
IINL
−142
µA
Input Capacitance
CIN
2
pF
LVDS CLOCK OUTPUTS
Termination = 100 Ω differential (OUTx, OUTx)
Output Frequency
1650
MHz
Output Voltage Differential
VOD
247
375
454
mV
VOH − VOL measurement across a differential
pair at the default amplitude setting with
output driver not toggling; see Figure 6 for
variation over frequency
Delta VOD
ΔVOD
50
mV
This is the absolute value of the difference
between VOD when the normal output is high
vs. when the complementary output is high
Offset Voltage
VOS
1.125
1.18
1.375
V
(VOH + VOL)/2 across a differential pair
Delta VOS
ΔVOS
50
mV
This is the absolute value of the difference
between VOS when the normal output is high
vs. when the complementary output is high
Short-Circuit Current
ISA, ISB
13.6
24
mA
Each pin (output shorted to GND)
LVDS Duty Cycle
45
55
%
Up to 750 MHz input
39
61
%
750 MHz to1500 MHz input
50.1
%
1650 MHz input
HSTL CLOCK OUTPUTS
100 Ω across differential pair; default
amplitude setting
Output Frequency
1650
MHz
Differential Output Voltage
VO
859
925
978
mV
VOH − VOL with output driver static
Common-Mode Output Voltage
VOCM
905
940
971
mV
(VOH + VOL)/2 with output driver static
HSTL Duty Cycle
45
55
%
Up to 750 MHz input
40
60
%
750 MHz to 1500 MHz input
50.9
%
1650 MHz input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com