Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9508PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9508PCBZ Datasheet HTML 2Page - Analog Devices AD9508PCBZ Datasheet HTML 3Page - Analog Devices AD9508PCBZ Datasheet HTML 4Page - Analog Devices AD9508PCBZ Datasheet HTML 5Page - Analog Devices AD9508PCBZ Datasheet HTML 6Page - Analog Devices AD9508PCBZ Datasheet HTML 7Page - Analog Devices AD9508PCBZ Datasheet HTML 8Page - Analog Devices AD9508PCBZ Datasheet HTML 9Page - Analog Devices AD9508PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9508
Data Sheet
Rev. A | Page 6 of 40
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT LOGIC SKEW1
CMOS load = 10 pF and LVDS load = 100 Ω
LVDS Output(s) and HSTL Output(s)
77
119
ps
Outputs on the same device; assumes
worst-case output combination
LVDS Output(s) and CMOS Output(s)
497
700
ps
Outputs on the same device; assumes
worst-case output combination
HSTL Output(s) and CMOS Output(s)
424
622
ps
Outputs on the same device; assumes
worst-case output combination
1
Output skew is the difference between any two similar delay paths while operating at the same voltage and temperature.
LOGIC INPUTS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS RESET, SYNC, IN_SEL
Input Voltage
High
VIH
1.7
V
2.5 V supply voltage operation
2.0
V
3.3 V supply voltage operation
Low
VIL
0.7
V
2.5 V supply voltage operation
0.8
V
3.3 V supply voltage operation
Input Current
IINH, IINL
−300
+100
µA
Input Capacitance
CIN
2
pF
SERIAL PORT SPECIFICATIONS—SPI MODE
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CS
SCLK has a 200 kΩ internal pull-down resistor
Input Voltage
Logic 1
VDD − 0.4
V
Logic 0
0.4
V
Input Current
Logic 1
−4
µA
Logic 0
−85
µA
Input Capacitance
2
µA
SCLK
Input Voltage
Logic 1
VDD − 0.4
V
Logic 0
0.4
V
Input Current
Logic 1
70
µA
Logic 0
13
µA
Input Capacitance
2
pF
SDIO
As Input
Input Voltage
Logic 1
VDD − 0.4
V
Logic 0
0.4
V
Input Current
Logic 1
−1
µA
Logic 0
−1
µA
Input Capacitance
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com