Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9508PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9508PCBZ Datasheet HTML 1Page - Analog Devices AD9508PCBZ Datasheet HTML 2Page - Analog Devices AD9508PCBZ Datasheet HTML 3Page - Analog Devices AD9508PCBZ Datasheet HTML 4Page - Analog Devices AD9508PCBZ Datasheet HTML 5Page - Analog Devices AD9508PCBZ Datasheet HTML 6Page - Analog Devices AD9508PCBZ Datasheet HTML 7Page - Analog Devices AD9508PCBZ Datasheet HTML 8Page - Analog Devices AD9508PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
AD9508
Rev. A | Page 5 of 40
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CMOS CLOCK OUTPUTS
Single-ended; termination = open; OUTx
and OUTx in phase
Output Frequency
250
MHz
With 10 pF load per output, see Figure 14
for swing vs. frequency
Output Voltage
@ 1 mA Load
High
VOH
1.7
V
Low
VOL
0.1
V
@ 10 mA load
High
VOH
1.2
V
Low
VOL
0.6
V
@ 10 mA Load (2 × CMOS Mode)
High
VOH
1.45
V
Low
VOL
0.35
V
CMOS Duty Cycle
45
55
%
Up to 250 MHz
OUTPUT DRIVER TIMING CHARACTERISTICS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUTS
Termination = 100 Ω differential, 1 × LVDS
Output Rise/Fall Time
tR, tF
152
177
ps
20% to 80% measured differentially
Propagation Delay, Clock-to-LVDS Output
tPD
1.56
2.01
2.43
ns
Temperature Coefficient
2.8
ps/°C
Output Skew1
All LVDS Outputs
On the Same Part
48
ps
Across Multiple Parts
781
ps
Assumes same temperature and supply;
takes into account worst-case propaga-
tion delay delta due to worst-case
process variation
HSTL OUTPUTS
Termination = 100 Ω differential, 1 × HSTL
Output Rise/Fall Time
tR, tF
118
143
ps
20% to 80% measured differentially
Propagation Delay, Clock-to-HSTL Output
tPD
1.59
2.05
2.5
ns
Temperature Coefficient
2.9
ps/°C
Output Skew1
All HSTL Outputs
On the Same Part
59
ps
Across Multiple Parts
825
ps
Assumes same temperature and supply;
takes into account worst-case propaga-
tion delay delta due to worst-case
process variation
CMOS OUTPUTS
Output Rise/Fall Time
tR, tF
1.18
1.45
ns
20% to 80%; CLOAD = 10 pF
Propagation Delay, Clock-to-CMOS Output
tPD
2.04
2.56
3.07
ns
10 pF load
Temperature Coefficient
3.3
ps/°C
Output Skew1
All CMOS Outputs
On the Same Part
112
ps
Across Multiple Parts
965
ps
Assumes same temperature and supply;
takes into account worst-case
propagation delay delta due to worst-
case process variation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com