Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9508PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9508PCBZ Datasheet HTML 1Page - Analog Devices AD9508PCBZ Datasheet HTML 2Page - Analog Devices AD9508PCBZ Datasheet HTML 3Page - Analog Devices AD9508PCBZ Datasheet HTML 4Page - Analog Devices AD9508PCBZ Datasheet HTML 5Page - Analog Devices AD9508PCBZ Datasheet HTML 6Page - Analog Devices AD9508PCBZ Datasheet HTML 7Page - Analog Devices AD9508PCBZ Datasheet HTML 8Page - Analog Devices AD9508PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1.65 GHz Clock Fanout Buffer with
Output Dividers and Delay Adjust
Data Sheet
AD9508
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.65 GHz differential clock inputs/outputs
10-bit programmable dividers, 1 to 1024, all integers
Up to 4 differential outputs or 8 CMOS outputs
Pin strapping capability for hardwired programming at
power-up
<115 fs rms broadband random jitter (see Figure 25)
Additive output jitter: 41 fs rms typical (12 kHz to 20 MHz)
Excellent output-to-output isolation
Automatic synchronization of all outputs
Single 2.5 V/3.3 V power supply
Internal LDO (low drop-out) voltage regulator for enhanced
power supply immunity
Phase offset select for output-to-output coarse delay adjust
3 programmable output logic levels, LVDS, HSTL, and CMOS
Serial control port (SPI/I2C) or pin-programmable mode
Space-saving 24-lead LFCSP
APPLICATIONS
Low jitter, low phase noise clock distribution
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
High performance wireless transceivers
High performance instrumentation
Broadband infrastructure
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD9508 provides clock fanout capability in a design that
emphasizes low jitter to maximize system performance. This
device benefits applications like clocking data converters with
demanding phase noise and low jitter requirements.
There are four independent differential clock outputs, each with
various types of logic levels available. Available logic types
include LVDS (1.65 GHz), HSTL (1.65 GHz), and 1.8 V CMOS
(250 MHz). In 1.8 V CMOS output mode, the differential output
becomes two CMOS single-ended signals. The CMOS outputs
are 1.8 V logic levels, regardless of the operating supply voltage.
Each output has a programmable divider that can be bypassed
or be set to divide by any integer up to 1024. In addition, the
AD9508 supports a coarse output phase adjustment between the
outputs.
The device can also be pin programmed for various fixed
configurations at power-up without the need for SPI or I2C
programming.
The AD9508 is available in a 24-lead LFCSP and operates from
a either a single 2.5 V or 3.3 V supply. The temperature range is
−40°C to +85°C.
DIV/Φ
OUT0
OUT0
OUT1
OUT1
OUT2
OUT2
OUT3
OUT3
CONTROL
INTERFACE
SPI/I2C/PINS
AD9508
CLK
SCLK/SCL/SC0
SDIO/SDA/S1
SDO/S3
CS/C2
SYNC
CLK
PIN CONTROL
DIV/Φ
DIV/Φ
DIV/Φ
RESET


Similar Part No. - AD9508PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9508 AD-AD9508 Datasheet
1,009Kb / 40P
1.65 GHz Clock Fanout Buffer
9/2014-Rev. C to Rev. D
AD9508BCPZ AD-AD9508BCPZ Datasheet
1,009Kb / 40P
1.65 GHz Clock Fanout Buffer
9/2014-Rev. C to Rev. D
AD9508BCPZ-REEL7 AD-AD9508BCPZ-REEL7 Datasheet
1,009Kb / 40P
1.65 GHz Clock Fanout Buffer
9/2014-Rev. C to Rev. D
AD9508 AD-AD9508_17 Datasheet
1,009Kb / 40P
1.65 GHz Clock Fanout Buffer
9/2014-Rev. C to Rev. D
More results

Similar Description - AD9508PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9514 AD-AD9514 Datasheet
633Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
7/05-Revision 0
AD9515 AD-AD9515 Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9512BCPZ AD-AD9512BCPZ Datasheet
967Kb / 48P
1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
REV. A
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9511 AD-AD9511_15 Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515_15 Datasheet
469Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. A
AD9508 AD-AD9508_17 Datasheet
1,009Kb / 40P
1.65 GHz Clock Fanout Buffer
9/2014-Rev. C to Rev. D
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
9/2016-Rev. B to Rev. C
AD9515 AD-AD9515_V01 Datasheet
407Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com