Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9508PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9508PCBZ Datasheet HTML 17Page - Analog Devices AD9508PCBZ Datasheet HTML 18Page - Analog Devices AD9508PCBZ Datasheet HTML 19Page - Analog Devices AD9508PCBZ Datasheet HTML 20Page - Analog Devices AD9508PCBZ Datasheet HTML 21Page - Analog Devices AD9508PCBZ Datasheet HTML 22Page - Analog Devices AD9508PCBZ Datasheet HTML 23Page - Analog Devices AD9508PCBZ Datasheet HTML 24Page - Analog Devices AD9508PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
AD9508
Rev. A | Page 21 of 40
THEORY OF OPERATION
DETAILED BLOCK DIAGRAM
Figure 41. Detailed Block Diagram
The AD9508 accepts either a differential input clock applied to
the CLK and CLK pins or a single-ended 1.8 V CMOS clock
applied to the CLK pin. The input clock signal is sent to the clock
distribution section, which has programmable dividers and
phase offset adjustment. The clock distribution section operates
at speeds of up to 1650 MHz.
The divider range under SPI or I2C control ranges from 1 to
divide-by-1024 and the phase offset adjustment is equipped with
11 bits of resolution. However, in pin programming mode, the
divider range is limited to a maximum divide-by-16 and there is
no phase offset adjustment available.
The outputs can be configured to as many as four LVDS/HSTL
differential outputs or as many as eight 1.8 V CMOS single-
ended outputs. In addition, the output current for the different
outputs is adjustable for output drive strength.
The device can be powered with either a 3.3 V or 2.5 V external
supply; however, the internal supply on the chip runs off an
internal 1.8 V LDO, delivering high performance with minimal
power consumption.
PROGRAMMING MODE SELECTION
The AD9508 supports both SPI and I2C protocols, and a pin
strapping option to program the device. The active interface
depends on the logic state of the PROG_SEL pin. See Table 13
for programming mode selections. See the Serial Control Port
and Pin Strapping to Program on Power-Up sections for more
detailed information.
Table 13. SPI/I2C/Pin Serial Port Setup
PROG_SEL
SPI/I²C/Pin
Float
SPI
Logic 0
I²C
Logic 1
Pin programming control
CLOCK INPUT
The IN_SEL pin controls the desired input clock configuration.
When the IN_SEL pin is set for single-ended operation, the
device expects 1.8 V, 2.5 V, or 3.3 V CMOS-compatible logic
levels on the CLK input pin. Bypass the unused CLK pin to
ground with a 0.1 μF capacitor.
When the IN_SEL pin is set for differential input clock mode,
the inputs of the AD9508 are internally self biased. The internal
DIGITAL LOGIC
AND
REGISTERS
SPI
INTERFACE
I2C
INTERFACE
10-BIT
DIVIDER
SCL
SDA
CLK
SPI/I2C/PIN_
PROG
COARSE
A/D
PIN PROGRAM
READ CONTROL
SYNC
LVDS/HSTL/CMOS
OUTPUTS
LDO
SUB LDO
SUB LDO
VDD
RESET
LDO
REVISION ID
11-BIT
∆Φ
11-BIT
∆Φ
11-BIT
∆Φ
11-BIT
∆Φ
10-BIT
DIVIDER
10-BIT
DIVIDER
10-BIT
DIVIDER
CLK
IN_SEL
PROG_SEL
SCLK/SCL/S0
SDIO/SDA/S1
SDO/S3
S4
S5
CS/S2
EXT_CAP0
OUT0
OUT0
OUT1
OUT1
OUT2
OUT2
OUT3
OUT3
EXT_CAP1
VDD
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com