Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9508PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9508PCBZ
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9508PCBZ Datasheet HTML 4Page - Analog Devices AD9508PCBZ Datasheet HTML 5Page - Analog Devices AD9508PCBZ Datasheet HTML 6Page - Analog Devices AD9508PCBZ Datasheet HTML 7Page - Analog Devices AD9508PCBZ Datasheet HTML 8Page - Analog Devices AD9508PCBZ Datasheet HTML 9Page - Analog Devices AD9508PCBZ Datasheet HTML 10Page - Analog Devices AD9508PCBZ Datasheet HTML 11Page - Analog Devices AD9508PCBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD9508
Data Sheet
Rev. A | Page 8 of 40
EXTERNAL RESISTOR VALUES FOR PIN STRAPPING MODE
Table 7.
Parameter
Resistor Polarity
Min
Typ
Max
Unit
Test Conditions/Comments
EXTERNAL RESISTORS
Using 10% tolerance resistor
Voltage Level 0
Pull down to ground
820
Ω
Voltage Level 1
Pull down to ground
1.8
kΩ
Voltage Level 2
Pull down to ground
3.9
kΩ
Voltage Level 3
Pull down to ground
8.2
kΩ
Voltage Level 4
Pull up to VDD
820
Ω
Voltage Level 5
Pull up to VDD
1.8
kΩ
Voltage Level 6
Pull up to VDD
3.9
kΩ
Voltage Level 7
Pull up to VDD
8.2
kΩ
CLOCK OUTPUT ADDITIVE PHASE NOISE
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK-TO-HSTL OR LVDS ADDITIVE PHASE NOISE
CLK = 1474.56 MHz, OUTx = 1474.56 MHz
Input slew rate > 1 V/ns
Divide Ratio = 1
@ 10 Hz Offset
−88
dBc/Hz
@ 100 Hz Offset
−100
dBc/Hz
@ 1 kHz Offset
−109
dBc/Hz
@ 10 kHz Offset
−116
dBc/Hz
@ 100 kHz Offset
−135
dBc/Hz
@ 1 MHz Offset
−144
dBc/Hz
@ 10 MHz Offset
−148
dBc/Hz
@ 100 MHz Offset
−149
dBc/Hz
CLK-TO-HSTL OR LVDS or CMOS ADDITIVE PHASE NOISE
CLK = 625 MHz, OUTx = 125 MHz
Input slew rate > 1 V/ns
Divide Ratio = 5
@ 10 Hz Offset
−114
dBc/Hz
@ 100 Hz Offset
−125
dBc/Hz
@ 1 kHz Offset
−133
dBc/Hz
@ 10 kHz Offset
−141
dBc/Hz
@ 100 kHz Offset
−159
dBc/Hz
@ 1 MHz Offset
−162
dBc/Hz
@ 10 MHz Offset
−163
dBc/Hz
@ 20 MHz Offset
−163
dBc/Hz
CLK-TO-HSTL OR LVDS ADDITIVE PHASE NOISE
CLK = 491.52 MHz, OUTx = 491.52 MHz
Input slew rate > 1 V/ns
Divide Ratio = 1
@ 10 Hz Offset
−100
dBc/Hz
@ 100 Hz Offset
−111
dBc/Hz
@ 1 kHz Offset
−120
dBc/Hz
@ 10 kHz Offset
−127
dBc/Hz
@ 100 kHz Offset
−146
dBc/Hz
@ 1 MHz Offset
−153
dBc/Hz
@ 10 MHz Offset
−153
dBc/Hz
@ 20 MHz Offset
−153
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com